Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics STA7360 Datasheet HTML 21Page - STMicroelectronics STA7360 Datasheet HTML 22Page - STMicroelectronics STA7360 Datasheet HTML 23Page - STMicroelectronics STA7360 Datasheet HTML 24Page - STMicroelectronics STA7360 Datasheet HTML 25Page - STMicroelectronics STA7360 Datasheet HTML 26Page - STMicroelectronics STA7360 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
STA7360
Application hints
Doc ID 9814 Rev 4
23/28
6
Application hints
This section explains briefly how to get the best from the STA7360 and presents some
application circuits with suggestions for the value of the components. These values can
change depending on the characteristics that the designer of the car radio wants to obtain,
or other parts of the car radio that are connected to the audio block.
To optimize the performance of the audio part it is useful (or indispensable) to analyze also
the parts outside this block that can have an interconnection with the amplifier.
This method can provide components and system cost savings.
6.1
Reducing turn-on/off pop
The STA7360 has been designed in a way that the turn-on (off) transients are controlled
through the charge (discharge) of the Csvr capacitor.
As a result of it, the turn-on (off) transient spectrum contents is limited only to the subsonic
range. The following section gives some brief notes to get the best from this design feature
(it will refer mainly to the stereo application which appears to be in most cases the more
critical from the pop viewpoint. The bridge connection in fact, due to the common-mode
waveform at the outputs, does not give a pop effect).
6.2
Turn-on
Figure 36 shows the output waveform (before and after the "A" weighting filter) compared to
the value of Csvr.
Better pop-on performance is obtained with higher Csvr values (the recommended range is
from 22 µF to 220 µF).
The turn-on delay (during which the amplifier is in mute condition) is essentially a function of
Cout, Csvr:
T1
≈ 120 • C
out
T2
≈ 1200 • C
svr
The turn-on delay is given by:
T1+T2 STEREO
T2 BRIDGE
The best performance is obtained by driving the st-by pin with a ramp having a slope slower
than 2 V/ms.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com