Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics STA7360 Datasheet HTML 18Page - STMicroelectronics STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Block description
STA7360
16/28
Doc ID 9814 Rev 4
4
Block description
4.1
Polarization
The device is organized with the gain resistors directly connected to the signal ground pin
i.e. without gain capacitors (Figure 2).
The non-inverting inputs of the amplifiers are connected to the SVR pin by means of resistor
dividers, equal to the feedback networks. This allows the outputs to track the SVR pin which
is sufficiently slow to avoid audible turn-on and turn-off transients.
4.2
SVR
The voltage ripple on the outputs is equal to the one on the SVR pin: with appropriate
selection of CSVR, more than 60 dB of ripple rejection can be obtained.
4.3
Delayed turn-on (muting)
The CSVR sets a signal turn-on delay too. A circuit is included which mutes the device until
the voltage on the SVR pin reaches ~2.5 V typ. (Figure 25). The mute function is obtained
by duplicating the input differential pair (Figure 24); it can be switched to the signal source or
to an internal mute input. This feature is necessary to prevent transients at the inputs
reaching the loudspeaker(s) immediately after power-on).
Figure 25 represents the detailed turn-on transient with reference to the stereo
configuration. At power-on the output decoupling capacitors are charged through an internal
path but the device itself remains switched off (phase 1 of the represented diagram).
When the outputs reach the voltage level of about 1 V (this means that there are no short-
circuits) the device switches on, the SVR capacitor starts charging itself and the output
tracks exactly the SVR pin. During this phase the device is muted until the SVR reaches the
"Play" threshold (~2.5 V typ.), after which the music signal starts being played.
4.4
Stereo/bridge switching
There is also no need for external components for changing from stereo to bridge
configuration (Figure 2, 3). A simple short-circuit between two pins allows phase reversal at
one output, yet maintaining the quiescent output voltage.
4.5
Standby
The device is also equipped with a standby function, so that a low current, and hence a low
cost switch, can be used for turn-on/off.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com