Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics STA7360 Datasheet HTML 18Page - STMicroelectronics STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics STA7360 Datasheet HTML 21Page - STMicroelectronics STA7360 Datasheet HTML 22Page - STMicroelectronics STA7360 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
STA7360
Block description
Doc ID 9814 Rev 4
19/28
4.7
Output stage
Poor current capability and low cutoff frequency are well-known limits of the standard lateral
PNP. Composite PNP-NPN power output stages have been widely used, regardless of their
high saturation drop. This drop can be overcome only at the expense of external
components, namely, the bootstrap capacitors. The availability of 4 A isolated collector PNP
(ICV PNP) adds versatility to the design. The performance of this component, in terms of
gain, VCEsat and cutoff frequency, is shown in Figure 27, 28, and 29 respectively. It is
realized in a new bipolar technology, characterized by top-bottom isolation techniques,
allowing the implementation of low leakage diodes, too. It guarantees BVCEO > 20 V and
BVCBO > 50 V both for NPN and PNP transistors. Basically, the connection shown in
Figure 30 has been chosen. First of all because its voltage swing is rail-to-rail, limited only
by the VCEsat of the output transistors, which are in the range of 0.3 W each. Then, the gain
VOUT/VIN is greater than unity, approximately 1+R2/R1. (VCC/2 is fixed by an auxiliary
amplifier common to both channel). It is possible, controlling the amount of this local
feedback, to force the loop gain (A * b) to less than unity at frequencies for which the phase
shift is 180°. This means that the output buffer is intrinsically stable and not prone to
oscillation.
Figure 27.
ICV - PNP gain vs. IC
Figure 28.
ICV - PNP VCE (sat) vs. IC
Figure 29.
ICV - PNP cutoff frequency vs. IC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com