Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 18Page - STMicroelectronics STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics STA7360 Datasheet HTML 21Page - STMicroelectronics STA7360 Datasheet HTML 22Page - STMicroelectronics STA7360 Datasheet HTML 23Page - STMicroelectronics STA7360 Datasheet HTML 24Page - STMicroelectronics STA7360 Datasheet HTML 25Page - STMicroelectronics STA7360 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Built-in protection systems
STA7360
22/28
Doc ID 9814 Rev 4
5.3
DC voltage
The maximum operating DC voltage for the STA7360 is 18 V.
5.4
Thermal shutdown
The presence of a thermal limiting circuit offers the following advantages:
1.
an overload on the output (even if it is permanent), or an excessive ambient
temperature can be easily withstood.
2.
the heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no device damage in the case of excessive junction temperature: all
that happens is that Po (and therefore Ptot) and Id are reduced.
The maximum allowable power dissipation depends upon the size of the external heatsink
(i.e. its thermal resistance). Figure 34 shows the dissipable power as a function of ambient
temperature for different thermal resistance.
Figure 34.
Maximum allowable power dissipation vs. ambient temperature
5.5
Loudspeaker protection
The STA7360 guarantees safe operations even for the loudspeaker in case of accidental
short-circuit. Whenever a single OUT to GND, OUT to VS short-circuit occurs, both the
outputs are switched OFF, thus limiting dangerous DC current flowing through the
loudspeaker.
Figure 35.
Restart circuit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com