Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 40Page - STMicroelectronics STM32WL33C8 Datasheet HTML 41Page - STMicroelectronics STM32WL33C8 Datasheet HTML 42Page - STMicroelectronics STM32WL33C8 Datasheet HTML 43Page - STMicroelectronics STM32WL33C8 Datasheet HTML 44Page - STMicroelectronics STM32WL33C8 Datasheet HTML 45Page - STMicroelectronics STM32WL33C8 Datasheet HTML 46Page - STMicroelectronics STM32WL33C8 Datasheet HTML 47Page - STMicroelectronics STM32WL33C8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
6.3.4
RF general characteristics
All performance data are referred to a 50 Ω antenna connector, via reference design.
Two reference test conditions are used in the RX measurements: high performance mode (HPM), where the
priority is given to the performances, and low power mode (LPM) where the priority is given to the low
consumption.
High performance mode (HPM) conditions: VDD = 3.3 V, TA = 25 o C, SMPS ON, SMPS frequency 4 MHz (unless
otherwise stated), SMPS Vout = 1.4 V,16 MHz system clock, HSIPLL mode, HSE GMC setting 0x0A and
PA_LEVEL7 = 81.
Low power mode (LPM) conditions: SMPS ON (unless otherwise stated), SMPS frequency 4 MHz (unless
otherwise stated), SMPS Vout =1.2 V, LDO RF bypassed, 16 MHz system clock, HSE direct mode, HSE GMC
setting 0x0A.
For RX current consumption, the global SOC consumption is reported as well as the computed contribution due to
the sub-1 GHz radio alone (difference between the global consumption and the SOC consumption in WFI mode).
Transmission measurements are performed for VDD = 3.3 V, TA = 25 o C, SMPS ON, high performance mode
(HPM).
Table 17. Current consumption in reception, fc = 915 MHz
Parameter
Test condition
HPM
LPM
Unit
STM32WL33xx supply current
As detailed above
7.0
5.7
mA
CPU current
CPU in WFI state
1.8
1.3
Radio supply current contribution
Computed value
5.2
4.4
Table 18. Current consumption in reception, fc = 868 MHz (SMPS clock frequency = 4.27 MHz)
Parameter
Test condition
HPM
LPM
Unit
STM32WL33xx supply current
As detailed above
6.8
5.6
mA
CPU current
CPU in WFI state
1.8
1.3
Radio supply current contribution
Computed value
5.0
4.3
Table 19. Current consumption in reception, fc = 433 MHz
Parameter
Test condition
HPM
LPM
Unit
STM32WL33xx supply current
As detailed above
6.7
5.5
mA
CPU current
CPU in WFI state
1.8
1.3
Radio supply current contribution
Computed value
4.9
4.2
Table 20. Current consumption in transmission, fc = 433 MHz
Parameter
Test condition
HPM
Unit
Supply current
Measurements TX @ CW 10 dBm
TX pin connected, TX Mode
12.5
mA
Measurements TX @ CW 14 dBm
TXHP pin connected, TXHP mode
25
mA
Measurements TX @ CW 16 dBm
TXHP pin connected, TXHP mode PA_DEGEN_ON
VSMPS = 1.6 V
31
mA
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 44/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com