Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 29Page - STMicroelectronics STM32WL33C8 Datasheet HTML 30Page - STMicroelectronics STM32WL33C8 Datasheet HTML 31Page - STMicroelectronics STM32WL33C8 Datasheet HTML 32Page - STMicroelectronics STM32WL33C8 Datasheet HTML 33Page - STMicroelectronics STM32WL33C8 Datasheet HTML 34Page - STMicroelectronics STM32WL33C8 Datasheet HTML 35Page - STMicroelectronics STM32WL33C8 Datasheet HTML 36Page - STMicroelectronics STM32WL33C8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Pin number
Pin Name (function
after reset)
Pin type
Alternate functions
Additional functions
VFQFPN
32
VFQFPN
48
13
20
PB15
I/O
USART1_TX, COMP1_OUT,
LCD_VLCD
-
-
21
VDD2
S
-
1.7 to 3.6 V battery voltage input
14
22
RX LPAWUR
I/RF
-
RF RX port
15
23
RX
I/RF
-
RF RX port
16
24
EXTGND
S
-
-
17
25
TX_HP
O/RF
-
RF TX port
18
26
TX
O/RF
-
RF TX port
19
27
VDDRF
S
-
1.7 to 3.6 V battery voltage
input
20
28
OSCOUT
I/O
-
48 MHz crystal
21
29
OSCIN
I/O
-
48 MHz crystal
22
30
PA1
I/O
I2C1_SDA, USART1_TX,
TIM16_BRK, TIM2_CH4,
LCD_SEG0
-
23
31
PB7
I/O
I2C1_SDA, LPUART1_RX,
RF_ACTIVITY, SPI3_MOSI/
I2S3_SD, TIM2_ETR,
LCD_COM2
-
-
32
PB11
I/O
I2C1_SCL, USART1_RTS_DE,
LC_ACTIVITY, SPI1_SCK,
TIM2_CH1
-
-
33
PB10
I/O
I2C1_SDA, SPI1_NSS,
TIM2_CH2
-
-
34
PB9
I/O
USART1_TX, LPUART1_CTS,
SPI1_MOSI
-
-
35
PB8
I/O
USART1_CK, LPUART_RX,
SPI1_MISO, TIM2_CH4
-
24
36
NRST
RSTS
-
Reset pin
25
37
VDDSD
S
-
1.7 to 3.6 V battery voltage input
SMPS input
26
38
VLXSD
S
-
SMPS LX pin
27
39
VSSSD
S
-
SMPS Ground
28
40
VFBSD
S
-
SMPS output
29
41
VCAP
S
-
1.2 V digital core
-
42
PA12
I/O
I2C1_SMBA, SWDIO,
SPI1_NSS, TIM2_CH1
-
-
43
PA13
I/O
I2C2_SCL, SWCLK, SPI1_SCK,
TIM2_ETR, LCD_SEG10
COMP1_INN0, DACOUT_GPIO
-
44
PA14
I/O
I2C2_SDA, SPI1_MISO,
LCD_SEG11
COMP1_INP, LCB
-
45
PA15
I/O
I2C2_SMBA, USART1_RX,
SPI1_MOSI
-
STM32WL33xx
Pinouts and pin description
DS14221 - Rev 5
page 33/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com