Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 72Page - STMicroelectronics STM32WL33C8 Datasheet HTML 73Page - STMicroelectronics STM32WL33C8 Datasheet HTML 74Page - STMicroelectronics STM32WL33C8 Datasheet HTML 75Page - STMicroelectronics STM32WL33C8 Datasheet HTML 76Page - STMicroelectronics STM32WL33C8 Datasheet HTML 77Page - STMicroelectronics STM32WL33C8 Datasheet HTML 78Page - STMicroelectronics STM32WL33C8 Datasheet HTML 79Page - STMicroelectronics STM32WL33C8 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
7.2
VFQFPN48 package information (A0BE)
This VFQFPN is a 48 lead, 6 x 6 mm, 0.40 mm pitch, very fine pitch quad flat no lead package.
Figure 19. VFQFPN48 - Outline
k
e
E2
L (48X)
eee C
C
A1
B
E
D
PIN1 INDEX
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin 1 index
D2
A
C A B
f f f
SEATING PLANE
ccc C
A
aaa C
aaa C 2X
2X
C A B
f f f
STM32WL33xx
Package information
DS14221 - Rev 5
page 76/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com