Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 62Page - STMicroelectronics STM32WL33C8 Datasheet HTML 63Page - STMicroelectronics STM32WL33C8 Datasheet HTML 64Page - STMicroelectronics STM32WL33C8 Datasheet HTML 65Page - STMicroelectronics STM32WL33C8 Datasheet HTML 66Page - STMicroelectronics STM32WL33C8 Datasheet HTML 67Page - STMicroelectronics STM32WL33C8 Datasheet HTML 68Page - STMicroelectronics STM32WL33C8 Datasheet HTML 69Page - STMicroelectronics STM32WL33C8 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
6.3.15
I/O port characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests performed under the
conditions summarized in Section 6.3.1: Operating range.
Table 56. I/O static characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
I/O input low level
voltage
1.62 V < VDD < 3.6 V
-
-
0.3 x VDD
V
VIH
I/O input high level
voltage
0.7 x VDD
-
-
Ilkg
Input leakage current
0 <= VIN <= Max(VDDx)(1)
-
-
±100
nA
Max(VDDx) (1) <= VIN <= Max(VDDx)
(1) +1 V
-
-
650
Max(VDDx)(1) + 1V < VIN <= 5.5 V
-
-
200
RPU
Pull up resistor
VIN=GND
25
40
55
kΩ
RPD
Pull down resistor
VIN=VDD
25
40
55
CIO
I/O pin capacitance
-
-
5
-
pF
1. Max(VDDx) is the maximum value among all the I/O supplies
All I/Os are CMOS-compliant (no software configuration required).
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA and sink or source up to ±20 mA (with
a relaxed VOL / VOH).
In the user application, the number of I/O pins that can drive current must be limited to respect the absolute
maximum rating specified.
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum consumption of the MCU
sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD.
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of the MCU sunk on
GND, cannot exceed the absolute maximum rating ΣIVGND.
Table 57. Output voltage characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Output low level voltage
for an I/O pin
CMOS port(1) |IIO| = 8 mA VDD ≥ 2.7 V
-
0.4
V
VOH
Output high level voltage
for an I/O pin
VDD - 0.4
-
VOL
Output low level voltage
for an I/O pin
|IIO| = 20 mA VDD ≥ 2.7 V
-
1.3
VOH
Output high level voltage
for an I/O pin
VDD - 1.3
-
VOL
Output low level voltage
for an I/O pin
|IIO| = 4 mA VDD ≥ 1.62 V
-
0.4
VOH
Output high level voltage
for an I/O pin
VDD - 0.45
-
1. CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 66/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com