Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 47Page - STMicroelectronics STM32WL33C8 Datasheet HTML 48Page - STMicroelectronics STM32WL33C8 Datasheet HTML 49Page - STMicroelectronics STM32WL33C8 Datasheet HTML 50Page - STMicroelectronics STM32WL33C8 Datasheet HTML 51Page - STMicroelectronics STM32WL33C8 Datasheet HTML 52Page - STMicroelectronics STM32WL33C8 Datasheet HTML 53Page - STMicroelectronics STM32WL33C8 Datasheet HTML 54Page - STMicroelectronics STM32WL33C8 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
Table 33. Blocking, selectivity and saturation at 868 MHz (SMPS clock frequency = 4.27 MHz)
Parameter
Test condition
HPM
LPM
Unit
Selectivity and blocking 0.1% BER @ 2-
GFSK, BT = 0.5, DR = 1.2 kbit/s, FDEV =
1.2 kHz, CHF = 4 kHz.
Wanted signal = ETSI sensitivity + 3 dB =
-108 dBm
Not modulated interferer signal.
+12.5 kHz (adjacent channel)
-44
-46
dBm
-12.5 kHz (adjacent channel)
-44
-47
+25 kHz (alternate channel)
-43
-48
-25 kHz (alternate channel)
-44
-48
Image rejection
Offset = -600 kHz
-46
-46
+2 MHz
-26
-25
-2 MHz
-29
-30
±10 MHz
-22
-24
±15 MHz
-17
-17
Selectivity and blocking 0.1%.
BER @ 2-GFSK, BT = 0.5, FDEV =
20 kHz, DR = 38.4 kbit/s, CHF = 100 kHz,
channel separation 100 kHz.
Wanted signal = ETSI sensitivity + 3 dB =
-94 dBm,
Not modulated interferer signal.
+100 kHz (adjacent channel)
-43
-48
dBm
-100 kHz (adjacent channel)
-43
-48
+200 kHz (alternate channel)
-43
-46
-200 kHz (alternate channel)
-44
-45
Image rejection
Offset = -600 kHz
-41
-41
±2 MHz
-26
-27
±10 MHz
-19
-21
±15 MHz
-16
-17
ETSI saturation at adjacent channel 0.1%
BER @ 2-GFSK, BT = 0.5, FDEV =
1.2 kHz, DR = 1.2 kbit/s, CHF = 4 kHz.
Wanted signal = -68 dBm
Offset = ±25 kHz (adjacent channel)
-5
-9
dBm
ETSI saturation at adjacent channel 0.1%
BER @ 2-GFSK, BT = 0.5 20 kHz FDEV,
DR = 38.4 kbit/s, CHF = 100 kHz.
Wanted signal = - 54 dBm
Offset = ±100 kHz (adjacent channel)
-4
-8
dBm
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 51/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com