Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 57Page - STMicroelectronics STM32WL33C8 Datasheet HTML 58Page - STMicroelectronics STM32WL33C8 Datasheet HTML 59Page - STMicroelectronics STM32WL33C8 Datasheet HTML 60Page - STMicroelectronics STM32WL33C8 Datasheet HTML 61Page - STMicroelectronics STM32WL33C8 Datasheet HTML 62Page - STMicroelectronics STM32WL33C8 Datasheet HTML 63Page - STMicroelectronics STM32WL33C8 Datasheet HTML 64Page - STMicroelectronics STM32WL33C8 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
6.3.10
High-speed external clock
The high-speed external oscillator must be supplied with an external 48 MHz crystal specified for a 6 to 8 pF
loading capacitor. The STM32WL33xx includes internal programmable capacitances that can be used to tune the
crystal frequency to compensate the PCB parasitic one.
These internal load capacitors are made by a fixed one, in parallel with a 6-bit binary weighted capacitor bank.
Thanks to low CL step size (1-bit is typically 0.12 pF), very fine frequency tuning is possible. With typical XTAL
sensitivity of -14 ppm/pF, it is possible to trim a 48 MHz crystal, with a resolution of 1 ppm (5 ppm max).
The STM32WL33xx guarantees a very low frequency drift due to 0.2 V supply variations, supporting long
transmission times at low data rate.
Table 47. HSE frequency drift versus power supply drop
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fDRIFT
Frequency drift versus
power-supply variation
200 mV VDD drop
-
±40
-
ppb
Table 48. HSE crystal requirements
Symbol
Parameter
Conditions(1)(2)
Min.
Typ.
Max.
Unit
fnom
Oscillator frequency
-
-
48
-
MHz
fTOL
Frequency accuracy
Initial accuracy at 25 °C
-
+/-10
-
ppm
Over temperature -40 °C to +85 °C
-
+/-20
-
Over temperature +85 °C to
+105 °C
-
+/-32
-
Aging over 10 years
-
+/-10
-
ESR
Equivalent series
resistance
-
-
-
80
Ω
CLOAD
Load capaticance
-
-
8
-
pF
Cshunt
Shunt capacitance
-
-30%
0.71
30
Cmotion
Motional capacitance
-
-30%
2.03
30
Lmotion
Motional inductance
-
-30%
5.41
30
µH
PD
Drive level
-
-
-
100
µW
1. A 48 MHz XTAL is specified for a specific reference: NX1612SA. A 48 MHz XTAL is specified for a specific reference:
NX1612SA.
2. For more information about the crystal selection, refer to the application note Oscillator design guide for STM8AF/AL/S,
STM32 MCUs and MPUs (AN2867).
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 61/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com