Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
8.3 Feature Description
8.3.1 DAC Architecture
The DAC8760 and DAC7760 (DACx760) consist of a resistor-string digital-to-analog converter (DAC) followed
by a buffer amplifier. The output of the buffer drives the current output and the voltage output. The resistor-string
section is simply a string of resistors, each of value R, from REF to GND, as Figure 8-1 illustrates. This type
of architecture makes sure the DAC is monotonic. The 16-bit binary digital code (DAC8760) loaded to the DAC
register determines at which node on the string the voltage is tapped off before it is fed into the output amplifier.
To Current Output
To Voltage Output
Figure 8-1. DAC Structure: Resistor String
The current-output stage converts the voltage output from the string to current. The voltage output provides a
buffered output of the programmed range to the external load. When the current output or the voltage output is
disabled, it is in a high impedance (Hi-Z) state. After power-on, both output stages are disabled. See Section
9.1.1 for different options to configure the current and voltage output pins.
8.3.2 Voltage Output Stage
The voltage output stage as conceptualized in Figure 8-2 provides the voltage output according to the DAC code
and the output range setting. The output range can be programmed as 0 V to 5 V or 0 V to 10 V for unipolar
output mode, and ±5 V or ±10 V for bipolar output mode. In addition, an option is available to increase the
output voltage range by 10%. The output current drive can be up to 10 mA. The output stage has short-circuit
current protection that limits the output current to 30 mA. To maintain proper performance, a minimum 0.5-V
power-supply headroom is required. The voltage output is able to drive a capacitive load up to 1 µF. For loads
greater than 20 nF, to keep the output voltage stable at the expense of reduced bandwidth and increased
settling time, connect an external compensation capacitor between CMP and VOUT. If an external compensation
capacitor greater than 470 pF is used, connect an additional 100-pF capacitor from CMP to GND.
+
12-/16-Bit
DAC
DACx760
í
Range
Scaling
RFB
íVSENSE
+VSENSE
VOUT
Figure 8-2. Voltage Output
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com