Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 37 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 33Page - Texas Instruments DAC7760IPWPR Datasheet HTML 34Page - Texas Instruments DAC7760IPWPR Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
8.4 Device Functional Modes
8.4.1 Setting Voltage and Current Output Ranges
For voltage and current outputs in normal mode (VOUT and IOUT are not simultaneously enabled), the output
range is set according to Table 8-7.
Table 8-7. RANGE Bits vs Output Range
RANGE
OUTPUT RANGE
000
0 V to +5 V
001
0 V to +10 V
010
±5 V
011
±10 V
100
Not allowed(1)
101
4 mA to 20 mA
110
0 mA to 20 mA
111
0 mA to 24 mA
(1)
RANGE bits cannot be programmed to 0x100. Previous value is held when this command is written.
Note that changing the RANGE bits at any time causes the DAC data register to be cleared based on the value
of CLR-SEL (pin or register bit) and the new value of the RANGE bits.
In addition to the RANGE bits, the OVR bit extends the voltage output range by 10%. if the OVR bit is set, the
voltage output range follows Table 8-8, as long as there is headroom with the supply.
Table 8-8. Voltage Output Overrange
VOLTAGE OUTPUT RANGE
VOLTAGE OUTPUT OVERRANGE
0 V to 5 V
0 V to 5.5 V
0 V to 10 V
0 V to +11 V
±5 V
±5.5 V
±10 V
±11 V
When VOUT and IOUT are simultaneously enabled (dual-output mode) by setting DUAL OUTEN in the
Configuration Register, the voltage output is controlled by RANGE in the Control Register (see Table 8-9),
and the current output is controlled by IOUT RANGE in the Configuration Register (see Table 8-10).
Table 8-9. RANGE Bits vs Voltage Output Range in Dual-Output Mode
RANGE
OUTPUT RANGE
000
0 V to +5 V
001
0 V to +10 V
010
±5 V
011
±10 V
100
Not allowed(1)
1xx
Disabled
(1)
RANGE bits cannot be programmed to 0x100. Previous value is held when this command is written.
Table 8-10. IOUT RANGE Bits vs Current Output Range in Dual-Output Mode
RANGE
OUTPUT RANGE
00
Disabled
01
4 mA to 20 mA
10
0 mA to 20 mA
11
0 mA to 24 mA
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com