Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 44 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR Datasheet HTML 47Page - Texas Instruments DAC7760IPWPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
8.6.1.1.2 Configuration Register
The DACx760 configuration register is written to at address 0x57. Table 8-18 summarizes the description for the
configuration register bits.
Table 8-18. Configuration Register 0x57
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB11
0h
Reserved. User must not write any value other than zero to these bits.
DB10:DB9
IOUT RANGE
00
IOUT range. These bits are only used if both voltage and current outputs
are simultaneously enabled through bit 8 (DUAL OUTEN). The voltage output
range is still controlled by bits 2:0 of the Control Register (RANGE bits).
The current range is controlled by these bits and has similar behavior to
RANGE[1:0] when RANGE[2] = 1. However, unlike the RANGE bits, a change
to this field does not make the DAC data register go to its default value.
DB8
DUAL OUTEN
0
DAC dual output enable. This bit controls if the voltage and current outputs are
enabled simultaneously. Both are enabled when this bit is high. However, both
outputs are controlled by the same DAC data register.
DB7
APD
0
Alternate power down. On power-up, +VSENSE is connected to the internal
VOUT amplifier inverting pin. Diodes exist at this node to REFIN and GND.
Setting this bit connects this node to ground through a resistor. When set, the
equivalent resistance seen from +VSENSE to GND is 70 kΩ. This is useful in
applications where the VOUT and IOUT pins are tied together.
DB6
0
Reserved. Do not write any value other than zero to these bits.
DB5
CALEN
0
User calibration enable. When user calibration is enabled, the DAC data are
adjusted according to the contents of the gain and zero calibration registers.
See Section 8.3.11.
DB4
HARTEN
0
Enable interface through HART-IN pin (only valid for IOUT set to 4-mA to
20-mA range through RANGE bits).
Bit = 1: HART signal is connected through internal resistor and modulates
output current.
Bit = 0: HART interface is disabled.
DB3
CRCEN
0
Enable frame error checking.
DB2
WDEN
0
Watchdog timer enable.
DB1:DB0
WDPD[1:0]
00
Watchdog timeout period.
8.6.1.1.3 DAC Registers
The DAC registers consist of a DAC data register (Table 8-19), a DAC gain calibration register (Table 8-20),
and a DAC zero calibration register (Table 8-21). User calibration as described in Section 8.3.11 is a feature
that allows for trimming the system gain and zero errors. Table 8-19 through Table 8-21 show the DAC8760,
16-bit version of these registers. The DAC7760 (12-bit version) register contents are located in DB15:DB4. For
DAC7760, DB3:DB0 are don't care bits when writing and zeros when reading.
Table 8-19. DAC Data Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
D15:D0
0000h
DAC data register. Format is unsigned straight binary.
Table 8-20. DAC Gain Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
G15:G0
0000h
Voltage and current gain calibration register for user calibration. Format is
unsigned straight binary.
Table 8-21. DAC Zero Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
Z15:Z0
0000h
Voltage and current zero calibration register for user calibration. Format is twos
complement.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com