Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  DAC7760IPWPR Datasheet HTML 1Page - Texas Instruments DAC7760IPWPR Datasheet HTML 2Page - Texas Instruments DAC7760IPWPR Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
5 Device Comparison Table
RESOLUTION
(Bits)
CURRENT AND
VOLTAGE OUTPUT
CURRENT
OUTPUT
12
DAC7760
DAC7750
16
DAC8760
DAC8750
6 Pin Configuration and Functions
Not to scale
Thermal
Pad
1
AVSS
24
AVDD
2
DVDD
23
–VSENSE
3
ALARM
22
+VSENSE
4
GND
21
VOUT
5
CLR-SEL
20
BOOST
6
CLR
19
IOUT
7
LATCH
18
HART-IN
8
SCLK
17
CMP
9
DIN
16
DVDD-EN
10
SDO
15
REFIN
11
GND
14
REFOUT
12
GND
13
ISET-R
Figure 6-1. PWP (24-Pin HTSSOP) Package, Top View
Not to scale
Thermal
Pad
1
NC
30
NC
2
ALARM
29
CAP2
3
GND
28
CAP1
4
CLR-SEL
27
BOOST
5
CLR
26
IOUT
6
LATCH
25
HART-IN
7
SCLK
24
CMP
8
DIN
23
DVDD-EN
9
SDO
22
NC
10
NC
21
NC
Figure 6-2. RHA (40-Pin VQFN) Package, Top View
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com