Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 42 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
8.6 Register Maps
8.6.1 DACx760 Command and Register Map
Table 8-16 shows the available commands and registers on the DACx760 devices. No operation, read operation, watchdog timer reset and CRC fault
reset refer to commands and are not explicit registers. For more information on these commands, see Section 8.5.1.3, Section 8.3.9, and Section 8.3.10.
See Section 8.6.1.1 for descriptions of all DACx760 registers.
Table 8-16. Command and Register Map
REGISTER
COMMAND
READ/
WRITE
ACCESS
DATA BITS (DB15:DB0)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Control
R/W
CLRSEL
OVR
REXT
OUTEN
SRCLK
SRSTEP
SREN
Reserved
RANGE
Configuration
R/W
X(1)
IOUT RANGE
DUAL
OUTEN
APD
Reserved
CALEN
HARTEN
CRCEN
WDEN
WDPD
DAC Data (2)
R/W
D15:D0
No operation(3)
—
X
Read Operation
(3)
—
X
READ ADDRESS
Reset
W
Reserved
RESET
Status
R
Reserved
CRC-FLT
WD-FLT
I-FLT
SR-ON
T-FLT
DAC Gain
Calibration (2)
R/W
G15:G0, unsigned
DAC Zero
Calibration (2)
R/W
Z15:Z0, signed
Watchdog
Timer Reset (3)
—
X
CRC Fault
Reset (3)
—
X
(1)
X denotes don't care bits.
(2)
DAC8760 (16-bit version) shown. DAC7760 (12-bit version) contents are located in DB15:DB4.
For DAC7760, DB3:DB0 are don't care bits when writing and zeros when reading.
(3)
No operation, read operation, watchdog timer reset, and CRC fault reset are commands and not registers.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com