Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 58 Page - Texas Instruments

Part # DAC7760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 54Page - Texas Instruments DAC7760IPWPR Datasheet HTML 55Page - Texas Instruments DAC7760IPWPR Datasheet HTML 56Page - Texas Instruments DAC7760IPWPR Datasheet HTML 57Page - Texas Instruments DAC7760IPWPR Datasheet HTML 58Page - Texas Instruments DAC7760IPWPR Datasheet HTML 59Page - Texas Instruments DAC7760IPWPR Datasheet HTML 60Page - Texas Instruments DAC7760IPWPR Datasheet HTML 61Page - Texas Instruments DAC7760IPWPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DAC7760IPWPR
HTSSOP
PWP
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
DAC7760IPWPRG4
HTSSOP
PWP
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
DAC7760IRHAR
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
DAC7760IRHAT
VQFN
RHA
40
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
DAC8760IPWPR
HTSSOP
PWP
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
DAC8760IPWPRG4
HTSSOP
PWP
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
DAC8760IRHAR
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
DAC8760IRHARG4
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
DAC8760IRHAT
VQFN
RHA
40
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com