Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics L9679E Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
13.7
Deployment drivers
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
6 V ≤ SSxy ≤ 35 V
SSxy – SFx ≤ 25 V
Table 27. Deployment drivers – DC specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
Note
IDEPL_LO
Deployment current
R = 2 ohms Considering 9 mA as not detected
leakage with a 1 k Ohm equivalent resistance
from SFx to GND
1.33
1.4
1.6
A
-
IDEPL_HI
Deployment current
R = 2 ohms, 9 V ≤ SSxy Considering 13.5 mA
as not detected leakage with a 1 kOhm
equivalent resistance from SFx to GND,
1.94
1.99
2.3
A
-
ITH_DEPL
Deployment current
counter threshold
-
IDEPLx *
90%
A
-
IOC_SR
Low-side over
current detection
-
2.2
3.1
4.0
A
-
ILIM_SR
Low-side current
limitation
-
2.2
3.1
4.0
A
-
ΔILIM_OC_SR
Difference between
current limitation
and OC threshold
ILIM_SR - IOC_SR
0.1
-
-
mA
-
RDSON_HSLS
Combined high-side
MOS + low-side
MOS on resistances
Tamb = 105 °C
-
-
2.2
Ω
-
IREV_SF
Reverse current on
SFx
Not to be tested in series production
-
-
-100
mA
Without device
malfunction (1)
ILKG_SS_OFF
SSxy leakage
current
Device OFF SSxy ≤ 35 V SFx = SFy = 0
Assuming all SSxy at the same voltage.
-10
-
40
µA
-
ILKG_SS_ON_1CH
SSxy leakage
current
Device ON SSxy ≤ 35 V SFx = 0 SSxy Leakage
current of each channel (32 µA) plus 30 µA due
to 600 KOhm between ESD SQUIB/
PYROSWITCH rail and ground.
Assuming all SSxy at the same voltage. Not
Tested.
20
62
75
µA
-
ILKG_SS_ON
SSxy leakage
current
Device ON SSxy ≤ 35 V SFx = SFy = 0 Total
SSxy leakage current with both x and y
channels NOT armed (= 2 * 32 µA) plus 30 µA
due to 600 KOhm between ESD SQUIB/
PYROSWITCH rail and ground.
Assuming all SSxy at the same voltage.
40
94
120
µA
-
ILKG_SS_CH_ARMED
SSxy leakage
current
Device ON SSxy ≤ 35 V SFx = 0 Total SSxy
leakage current with only one channel armed
(=490 + 32 µA) plus 30 µA due to 600 KOhm
between ESD SQUIB/PYROSWITCH rail and
ground.
Assuming all SSxy at the same voltage.
390
552
640
µA
-
L9679E
Electrical characteristics
DS12485 - Rev 8
page 102/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com