Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics L9679E Datasheet HTML 106Page - STMicroelectronics L9679E Datasheet HTML 107Page - STMicroelectronics L9679E Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
LDEPL calculation
LDEPL could be calculated in the following way:
•
Non-Clock Spring Loops
LDEPLmax = LWire10m×2 + LEMI= 3.6µH/m×10m +7.7µH=43.7µH
•
Clock Spring Loops
LWire3m×2 +2×LCSx+LEMI− 2×kL_Cx× L_CS1×L_CS2 = 3.6µH/m×3m + 2 ×42.9µH
+7.7µH− 2×0.739×42.9µH =40.9µH
•
Clock Spring Loops with short to ground
LDEPLmax = LWire3m +LCSx+ LEMI= 1.8µH/m×3m +49.2µH+7.7µH=56µH
Figure 29. Deployment drivers diagram
ESD/EMI Protection
Squib/Pyroswitch
EMI Protection
Load
RSquib/Pyroswitch
LEMI
LCS1
RCS1
LCS2
RCS2
Clock Spring
Impedance
System Wiring Impedance
RWire 1
Wire lenght (m)
kL
CS1 - LCS2
LWire 1
RWire 2
LWire 2
CSFx
SFx
SRx
CSRx
GADG1303180849PS
Table 28. Deployment Drivers – AC Specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
TDEPL
Deployment time
DCR_x(Dep_Current) =
IDEPL_LO ≥ 1.209 A rising to
1.209 A falling;
DCR_x(Dep_Current) =
IDEPL_HI ≥ 1.764 A rising to
1.764 A falling TDEPL =
DCR_x(Deploy_Time)*
TDEP_TIME_RES - TDEL_IDEP
DCR_x(Deploy_Time)*
TDEP_TIME_RES - 65
-
DCR_x(Deploy_Time)*
TDEP_TIME_RES
µs
TDEP_TIME_RES
DCR_x deploy time
resolution
-
1024/FOSC(min)
1024/
FOSC(typ)
1024/FOSC(max)
µs
TDEP_CC_RES
Deployment current
counter resolution
-
256/FOSC(min)
256/
FOSC(typ)
256/FOSC(max)
µs
TRISE_IDEPL
Rise time 10% - 90%
of IDEPL
SSxy = 25 V, RSQ = 2.2 ohm,
C = 22 nF L = 44 µH
-
-
32
µs
TDEL_IDEP
Delay time SPI_CS
to 90% IDEPL
SSxy = 25 V, RSQ = 2.2 ohm,
C = 22 nF L = 44 µH
-
-
65
µs
TFALL_IDEPL
Fall time 90% - 10%
IDEPL
SSxy = 25 V, RSQ = 2.2 ohm,
C = 22 nF L = 44 µH
-
-
32
µs
TDEL_SD_LS
Low-side shutdown
delay time (with
respect to high-side
deactivation)
-
50
-
-
µs
L9679E
Electrical characteristics
DS12485 - Rev 8
page 104/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com