Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 109 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics L9945 Datasheet HTML 107Page - STMicroelectronics L9945 Datasheet HTML 108Page - STMicroelectronics L9945 Datasheet HTML 109Page - STMicroelectronics L9945 Datasheet HTML 110Page - STMicroelectronics L9945 Datasheet HTML 111Page - STMicroelectronics L9945 Datasheet HTML 112Page - STMicroelectronics L9945 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
6
Safety & diagnostics
This chapter contains all the information regarding safety and diagnostic features. All the external and internal
disable sources are described. The Built-In Self-Test (BIST), HardWare Self-Check (HWSC) and the
Communication Check (CC) watchdog are also explained. The diagnostics implemented for monitoring the output
status and protecting the external FETs are described.
All the information regarding the effects of disable sources and diagnostics on the output pre-drivers is
summarized in Section 6.6.
6.1
Disable sources
There are several disable sources implemented in order to guarantee safety and correct functionality of the output
pre-drivers.
6.1.1
DIS & NDIS pins
For safety purposes, the device features two disable pins that can be driven by an external microcontroller:
•
DIS: is a positive asserted disable input with internal pull up. When DIS is asserted, all channels except 7
and 8 are actively turned off. DIS status can be monitored reading DIS_STATE bit via SPI. If DIS has been
asserted, the event is latched in the DIS_LATCH, cleared on SPI readout. Outputs are automatically re-
engaged when DIS is released.
•
NDIS: is a negative asserted disable input/output with internal pull down. Refer to Figure 24.
–
When used as input, a negative assertion implies an active shut off of all the outputs except
channels 7 and 8. NDIS status can be monitored reading NDIS_STATE bit via SPI. If NDIS has been
asserted, the event is latched in the NDIS_LATCH, cleared on SPI readout. Outputs are
automatically re-engaged when NDIS is released.
–
This device uses this pin as output every time an over/under voltage is detected on VDD5 supply.
The purpose is to provide a feedback on the VDD5 status to the external microcontroller. This
functionality is enabled only if NRES is set high. If NDIS is internally pulled down, the event is latched
in NDIS_out_LATCH, cleared on SPI readout.
In case of overvoltage (VDD5 > VVDD5_OV for t > tVDD5_OV) NDIS is pulled-down immediately.
In case of undervoltage (VDD5 < VVDD5_UV for t > tVDD5_UV1) NDIS is pulled-down after tVDD5_UV2.
Note:
For timings and electrical characteristics related to VDD5 refer to Table 8.
When configured as H-Bridge, channels 7 and 8 are handled like other channels and are disabled in case of
DIS/NDIS assetion.
When used as output, NDIS is protected against overvoltage. In case NDIS is internally activated low and the
voltage at NDIS pin exceeds VNDIS_OV, for a time longer than tNDIS_OV + tNDIS_OV_react, the protection is
activated by switching OFF the pull down structure on NDIS pin. Once the protection is activated it will stay active
until the next NDIS internal activation event. NDIS overvoltage event is latched into NDIS_PROT_LATCH, cleared
via SPI readout.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 109/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com