Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 33Page - STMicroelectronics L9945 Datasheet HTML 34Page - STMicroelectronics L9945 Datasheet HTML 35Page - STMicroelectronics L9945 Datasheet HTML 36Page - STMicroelectronics L9945 Datasheet HTML 37Page - STMicroelectronics L9945 Datasheet HTML 38Page - STMicroelectronics L9945 Datasheet HTML 39Page - STMicroelectronics L9945 Datasheet HTML 40Page - STMicroelectronics L9945 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
Table 24. Diagnostic strategy for peak & hold configuration
Fault type
Circuit state
HS OFF
LS OFF
HS ON
LS OFF
HS OFF
LS ON
HS ON
LS ON
HS
LS
HS
LS
HS
LS
HS
LS
OUT1 STB
STB
No fail
No fail
No fail
STB
No fail(1)
No fail(2)
No fail(1)
OC(1)
OC(1)
OUT1 STG
No fail
STG
OC
STG
No fail
No fail
OC
No fail (2)
OC pin(3)
OC pin(3)
OUT1 OL
No diag(4)
No diag(4)
No fail
OL
OL
No fail
No fail (2)
No fail (2)
No STB/STG/OL(4)
No STB/STG/OL(4)
OUT4 STB
STB
No fail
No fail(2)
No fail
STB
OC
No fail
OC
OC pin(3)
OC pin(3)
OUT4 STG
No fail
STG
No fail(1)
STG
No fail
No fail(2)
No fail(1)
No fail(1)
OC(1)
OC(1)
OUT4 OL
No diag(4)
No diag(4)
No fail
OL
OL
No fail
No fail (1)
No fail(1)
No STB/STG/OL(4)
No STB/STG/OL(4)
OUT1-OUT4 short (SCL)
No diag(4)
No diag(4)
No fail
No fail
No fail
No fail
OC pin(3)
OC pin(3)
No STB/STG/OL(4)
No STB/STG/OL(4)
1. Current limited by the load. In case current is greater than the OC threshold, protection is triggered and external FET is shut OFF. However,
diagnostic latches are not updated.
2. Current in the shunt resistor is 0 mA. Micro may monitor.
3. Depending on transistor switch ON delay and configured tblank_oc.
4. Depending on PHx_diag_strategy.
L9945
Functional description
DS12275 - Rev 10
page 37/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com