Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 11Page - STMicroelectronics L9945 Datasheet HTML 12Page - STMicroelectronics L9945 Datasheet HTML 13Page - STMicroelectronics L9945 Datasheet HTML 14Page - STMicroelectronics L9945 Datasheet HTML 15Page - STMicroelectronics L9945 Datasheet HTML 16Page - STMicroelectronics L9945 Datasheet HTML 17Page - STMicroelectronics L9945 Datasheet HTML 18Page - STMicroelectronics L9945 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
Figure 8. ESD ratings on pinout
GADG2402171310PS
HBM
HBM
CDM
CDM
1
2
3
4
5
6
7
8
9
L9945
pin name
pin name
TQFP64 Exposed Pad
10x10mm with 0.5mm pitch
16
15
14
13
12
11
10
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60
60 59 58 57 56 55 54 53 52 51 50 49
RESERVED ± 2kV
+600V / -750V
EN6
± 2kV
+500V / -500V
RESERVED ± 2kV
+500V / -500V
NDIS
± 2kV
+500V / -500V
RESERVED ± 2kV
+500V / -500V
CH1
± 2kV
+500V / -500V
VPS
± 2kV
+500V / -500V
CH3
± 2kV
+500V / -500V
CH2
± 2kV
+500V / -500V
CH4
± 2kV
+500V / -500V
VGBHI
± 2kV
+500V / -500V
GNDCP
± 2kV
+500V / -500V
GND
± 2kV
+500V / -500V
VDD5
± 2kV
+500V / -500V
RESERVED ± 2kV
+500V / -500V
RESERVED ± 2kV
+750V / -750V
+600V / -600V
± 2kV
NON1
+500V / -500V
± 2kV
NON2
+500V / -500V
± 2kV
NON3
+500V / -500V
± 2kV
NON4
+500V / -500V
± 2kV
NON5
+500V / -500V
± 2kV
NON6
+500V / -500V
± 2kV
NON7
+500V / -500V
± 2kV
NON8
+500V / -500V
± 2kV
VIO
+500V / -500V
± 2kV
SDO
+500V / -500V
± 2kV
GNDIO
+500V / -500V
± 2kV
NRES
+500V / -500V
± 2kV
NCS
+500V / -500V
± 2kV
SDI
+500V / -500V
± 2kV
SCK
+500V / -600V
± 2kV
DIS
Figure 8 summarizes the ESD ratings for each pin according to both CDM and HBM models.
L9945
Product electrical and thermal characteristics
DS12275 - Rev 10
page 15/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com