Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 15Page - STMicroelectronics L9945 Datasheet HTML 16Page - STMicroelectronics L9945 Datasheet HTML 17Page - STMicroelectronics L9945 Datasheet HTML 18Page - STMicroelectronics L9945 Datasheet HTML 19Page - STMicroelectronics L9945 Datasheet HTML 20Page - STMicroelectronics L9945 Datasheet HTML 21Page - STMicroelectronics L9945 Datasheet HTML 22Page - STMicroelectronics L9945 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
5
Functional description
This section contains the functional description of this device. A general description of the device functionality is
provided along with the detailed operation of each sub-block. Relations and interconnections between various
sub-blocks are explained. For a detailed diagnostic analysis, refer to Section 6.2: Diagnostics overview.
5.1
General description
The device contains eight pre-drivers for external FETs. Each pre-driver can be configured to drive a high-side or
low-side external driver (LS_HS_config_xx bit). The external FET can be either N-channel (low-side and high-
side) or P-channel (high-side). FET type is selectable through N_P_config_xx bit. Complex configurations for
P&H and H-Bridge are automatically applied programming the corresponding bit via SPI (HBx_config or
PHx_config).
The outputs are controlled either directly by pins NONx or via SPI commands (programming SPI_ON_OUTxx bit).
For each channel, control strategy is selected by programming the SPI_input_sel_xx bit.
Output channels must be enabled prior to use by programming the en_OUT_xx bit in the corresponding output
register. Channel 6 requires also the EN6 input to be set high in order to be enabled (suitable for safety relevant
load control).
IC provides charge pump for driving external low-side and high-side NMOS. Gate charge/discharge currents can
be either constant, with value selectable via SPI, or limited by external resistor. GCC_config_xx bit defines the
charge/discharge strategy. An external capacitor connected between transistor gate and drain is recommended to
improve EMI performances.
External FET is protected against overcurrent (OC) during the ON phase by rapidly switching OFF the transistor
with a high gate current in case of OC detection. The value of such shutdown current can be programmed via the
GCC_OVERRIDE_CONFIG bit. Two detection strategies are available: either monitoring the voltage between
transistor drain and source (DSM) or monitoring the drop on an external shunt resistor. Detection strategy is
selectable via OC_DS_Shunt_xx bit. OC threshold is programmable via SPI (OC_config_xx bit). The device
offers the possibility of compensating the OC threshold with respect to temperature (OC_Temp_comp_xx bit) and
battery variations (OC_Batt_comp_xx bit). In case of an OC event, output re-engagement strategy is selectable
through prot_config_xx bit.
Detection of Open Load (OL) and STB/STG failures is performed during the OFF phase. The diagnostic phase
durations and currents can be selected through tdiag_config_xx and diag_i_config_xx bit.
In peak and hold configuration, the OFF diagnostic strategy can be programmed through PHx_diag_strategy bit.
In H-Bridge mode, the dead time to avoid cross conduction on the same branch of the bridge can be programmed
through the HBx_dead_time bit. An extended set of OFF diagnostic times is available for the H-Bridge mode by
programming the HBx_tdiag_ext_config bit.
A current limitation feature is available for H-Bridge configuration.
The diagnostic status of each channel is reported in the next received frame after having sent the following SPI
command: 0x9AAA0001.
Note:
The "x" in the bit names symbolize the generic channel number or the configuration index (e.g. NONx refers to
NON1, NON2, … , NON8. PHx_diag_strategy refers to PH1_diag_strategy and PH2_diag_strategy).
5.2
Supply concept
The device has 4 supply pins: VDD5, VPS, VGBHI, and VIO.
•
VDD5 has to be provided by the ECU power supply and feeds most of the internal sub-blocks. Two internal
regulators are used to generate separate 3.3 V supplies for analog and digital domains.
•
VPS has to be provided by the battery and is used to feed the internal charge pump.
•
VGBHI is the output voltage of the charge pump and it is used for driving the gate of the external FETs.
•
VIO is a separate power supply dedicated for the SDO pin of the Serial Peripheral Interface. It must be
connected to the same voltage level of the SPI master. The VIO pin is implemented in order to be
compliant with both 3.3 V and 5 V systems.
5.2.1
VDD5 supply block
The VDD5 pin is internally split between analog and digital domain to reduce interference between the different
parts of the component. Two regulators are implemented in order to provide separate 3.3 V domains:
L9945
Functional description
DS12275 - Rev 10
page 19/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com