Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 23Page - STMicroelectronics L9945 Datasheet HTML 24Page - STMicroelectronics L9945 Datasheet HTML 25Page - STMicroelectronics L9945 Datasheet HTML 26Page - STMicroelectronics L9945 Datasheet HTML 27Page - STMicroelectronics L9945 Datasheet HTML 28Page - STMicroelectronics L9945 Datasheet HTML 29Page - STMicroelectronics L9945 Datasheet HTML 30Page - STMicroelectronics L9945 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted. A current flowing out of the device has minus (-) sign; a current flowing into the device
has plus (+) sign. Charge currents turn ON the NMOS and OFF the PMOS. Discharge currents turn OFF the
NMOS and ON the PMOS.
Table 15. Output pre-driver stages electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VGNSP -VSNGP Gate Output voltage (Reversed for PMOS)
-
10
-
14
V
ICh3Gx
Gate charge current NMOS
GCC[1:0] = [1, 1]
-1.88
-
-1.1
mA
Gate charge current PMOS
-1.85
-
-0.55 mA
ICh2Gx
Gate charge current NMOS and PMOS
GCC[1:0] = [1, 0]
-8.6
-
-4
mA
ICh1Gx
Gate charge current NMOS and PMOS
GCC[1:0] = [0, 1]
-32.4
-
-19.6 mA
ICh0Gx
Gate charge current NMOS
GCC[1:0] = [0, 0]
-100
-
-40
mA
Gate charge current PMOS
-77
-
-43.5 mA
IDCh3Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [1, 1]
0.75
-
1.9
mA
IDCh2Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [1, 0]
3.8
-
7.4
mA
IDCh1Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [0, 1]
16.8
-
27.4
mA
IDCh0Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [0, 0]
55
-
101
mA
Tsw_GC
Delay to switch from GCC[a,b] to GCC[c,d]
-
-
-
0.1
µs
Ipeak
Minimum peak current capability VPS > 7.5V
Tested at VPS > 7.5 V and output shorted to
GND
40
-
-
mA
CLOAD
Equivalent capacitive load to be driven
-
0.1
-
-
nF
td_OFF
Turn ON/OFF delay
50% NONx to 50% OFF gate current
test condition: 0.1 nF
checked for LS/HS config (switch)
-
-
1.5
μs
td_ON
Turn OFF/ON delay
50% NONx to 50% ON gate current
test condition: 0.1 nF checked for LS/HS config
(switch)
-
-
1.5
μs
ICR_CON
Pre-driver Cross conduction current
guaranteed by design
-
-
2
mA
ILEAK_Gx
GNSPx leakage current in tristate
GNSP-SNGP voltage requirements < 20 V in
case of external P-channel (Gate to SNGPx)
-10
-
10
µA
IDRNx
DRNx input leakage current
POR or NRES active; V_DRNx = 0 V to 28 V
-10
-
10
µA
ILEAK_S
SNGPx input leakage current
POR or NRES active or Normal mode;
V_SNGPx = 0 V to 28 V
-10
-
10
µA
VGNSP-VSNGP
GNSP to SNGP voltage when OFF gate current
is on
-
-
-
100
mV
5.5
H-Bridge
The pre-drivers can be configured into two independent H-Bridges. In this configuration Channels 1-4 are used for
H-Bridge 1, while Channels 5-8 are used for H-bridge 2.
The device can handle up to two H-bridge. There are two possible configurations which can co-exist:
•
H-Bridge 1: it involves channels 1 (HS), 2 (HS), 3 (LS) and 4 (LS) and can be activated by setting
HB1_config = 1
•
H-Bridge 2: it involves channels 5 (HS), 6 (HS), 7 (LS) and 8 (LS) and can be activated by setting
HB2_config = 1
Configurations above are automatically applied once the HBx_config bit is set.
The N_P_config_xx bit set the MOSFET type (NMOS, PMOS) used in the H-bridge high-side. For H-bridge 2,
EN6 must be set high to enable channel 6.
L9945
Functional description
DS12275 - Rev 10
page 27/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com