Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 25Page - STMicroelectronics L9945 Datasheet HTML 26Page - STMicroelectronics L9945 Datasheet HTML 27Page - STMicroelectronics L9945 Datasheet HTML 28Page - STMicroelectronics L9945 Datasheet HTML 29Page - STMicroelectronics L9945 Datasheet HTML 30Page - STMicroelectronics L9945 Datasheet HTML 31Page - STMicroelectronics L9945 Datasheet HTML 32Page - STMicroelectronics L9945 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
Figure 15. H-bridge driving configurations
GAPG0102161245CFT
M
GND
Rshunt
M
GND
Q1
Q3
Rshunt
GND
Q4
Rshunt
OFF
OFF
OFF
OFF
(Active) Freewheeling
low-side (forward)
(Active) Freewheeling
low-side (reverse)
High impedance
NPWM = ‘x’; DIR = ‘x’; HBx_AFW=’x’; HiZ=’1'
Out1(HB+)
CH3
CH1
CH3_OC
Q3
Q1
M
Out2(HB-)
CH4_OC
CH4
CH2
Q2
Out1(HB+)
CH3_OC
CH3
CH1
Q4
Q2
Out2(HB-)
CH4
CH2
CH4_OC
HBx_AFW=’0' -> Freewheel through Q3 diode
HBx_AFW=’1' -> Freewheel through Q3 MOSFET
NPWM = ‘1’; DIR = ‘0’; HiZ=’0'
HBx_AFW=’0' -> Freewheel through Q3 diode
HBx_AFW=’1' -> Freewheel through Q3 MOSFET
NPWM = ‘1’; DIR = ‘1’; HiZ=’0'
Out1(HB+)
CH3_OC
CH3
CH1
Q3
Q1
Q4
Q2
Out2(HB-)
CH4_OC
CH4
CH2
M
GND
Rshunt
M
GND
Rshunt
Out1(HB+)
CH3
CH1
CH3_OC
Q3
Q1
Q4
Q2
Out2(HB-)
CH4_OC
CH4
CH2
Out1(HB+)
CH3_OC
CH3
CH1
Q3
Q1
Q4
Q2
Out2(HB-)
CH4_OC
CH4
CH2
NPWM = ‘0’; DIR = ‘0’; HBx_AFW=’x’; HiZ=’0'
NPWM = ‘0’; DIR = ‘1’; HBx_AFW=’x’; HiZ=’0'
VBR
Rshunt
VBR
Rshunt
CH1_OC
CH2_OC
VBR
Rshunt
CH1_OC
CH2_OC
VBR
Rshunt
CH1_OC
CH2_OC
VBR
Rshunt
CH1_OC
CH2_OC
5.5.2
H-Bridge diagnostics
H-bridge status can be monitored by reading each channel diagnostic as if they operated independently (refer to
Section 6.2: Diagnostics overview). However, different OC sensing strategies can be implemented, as discussed
in Overcurrent detection. While in H-Bridge configuration, an extended set of values is available for OFF state
diagnostic timer (tDIAG), as shown in H-Bridge OFF state diagnostic timings.
5.5.3
H-bridge dead time
To prevent shoot-through (e.g. Q1 and Q3 ON) it's possible to choose different dead time values for both H-
bridges independently. Such parameters are selectable via SPI through the HBx_dead_time bit according to the
following table.
L9945
Functional description
DS12275 - Rev 10
page 29/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com