Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 39Page - STMicroelectronics L9945 Datasheet HTML 40Page - STMicroelectronics L9945 Datasheet HTML 41Page - STMicroelectronics L9945 Datasheet HTML 42Page - STMicroelectronics L9945 Datasheet HTML 43Page - STMicroelectronics L9945 Datasheet HTML 44Page - STMicroelectronics L9945 Datasheet HTML 45Page - STMicroelectronics L9945 Datasheet HTML 46Page - STMicroelectronics L9945 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
Figure 22. SPI timing diagram
GADG2802171207PS
NCS
SCK
SDI
SDO
thclcl_app
Tsclk
tscld
tcsdv
tpcld
thcld
tcll
tclh
tsclcl
tpchdz
tON_NCS
Figure 22 shows that the device has CPOL = 0 and CPHA = 1. During Reset, SDO is forced into a high
impedance state and any inputs from SCLK and SDI are ignored.
5.9.5
SPI protocol
The SPI protocol features frames structured as follows:
Table 29. SPI protocol
Command
Data
MSB
LSB
MOSI
C3
C2
C1
C0
R/W
D26
D25
D24
D23
D22
D21
D20
….
D3
D2
D1
P
MISO
C3
C2
C1
C0
R/W
R26
R25
R24
R23
R22
R21
R20
….
R3
R2
R1
P
The MSB of each frame will be shifted in/out first. Each frame is equipped with an odd parity bit (LSB).
The response is out of frame, so the response to Nth frame will be received when sending the (N+1)th frame.
Figure 23. Out of frame response
GADG2802171255PS
SDI
frame A
(previous
response)
response to
frame A
response to
frame B
frame B
frame C
SDO
The response frame 0x00000000 will be issued in the following cases:
•
After a reset event (POR or NRES assertion)
•
Invalid command received (see Table 30. SPI MOSI list for the list of available commands)
•
Number of SCK pulses not multiple of 32
•
Parity error on the received command
Chip select (NCS) assertion without any following SCK pulse is ignored and doesn't generate any error. In order
to ignore spurious transitions, NCS input is equipped with a deglitch filter tfNCS.
L9945
Functional description
DS12275 - Rev 10
page 43/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com