Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 5 Page - STMicroelectronics

  L99VR03 Datasheet HTML 1Page - STMicroelectronics L99VR03 Datasheet HTML 2Page - STMicroelectronics L99VR03 Datasheet HTML 3Page - STMicroelectronics L99VR03 Datasheet HTML 4Page - STMicroelectronics L99VR03 Datasheet HTML 5Page - STMicroelectronics L99VR03 Datasheet HTML 6Page - STMicroelectronics L99VR03 Datasheet HTML 7Page - STMicroelectronics L99VR03 Datasheet HTML 8Page - STMicroelectronics L99VR03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 3 may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 28
V
VS
Single pulse/tmax < 400 ms “transient load dump”
40
V
VO
DC output voltage
-0.3 to 7
V
IO
DC output current
Internally limited
-
VEN
Enable input
-0.3 to 28
V
VESD HBM
VS pin vs GND, ESD HBM voltage level
±4
kV
ESD HBM voltage level
±2
kV
VESD CDM
ESD CDM voltage level (CDM AEC-Q100-011)
±500
V
ESD CDM voltage level on corner pins (CDM AEC-Q100-011)
±750
V
2.2
Thermal data
2.2.1
Thermal resistance
Table 4. Operation junction temperature
Symbol
Parameter
Value
Unit
Item
VFDFN8L
PWSSO12
Rthj-amb
Junction to ambient thermal resistance
32.5 (1)(2)
28.4 (1)(2)
°C/W
A.002
1. Rthj-amb based on a 4-layer JEDEC PCB (2S2P) test board with thermal vias (see the Figure 21 and Figure 23).
2. Measurements were performed according to JEDEC 51.2 in still air.
2.2.2
Thermal protection
Table 5. Temperature threshold
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
Tprot(1)
Thermal protection temperature
-
190
-
°C
A.003
Tprot_hyst
Thermal protection hysteresis
-
5
-
°C
A.004
TJ
Operating junction temperature
TJ
-40
-
175
°C
A.005
Tstg
Storage temperature
Tstg
-
-
150
°C
A.006
1. Thermal protection is guaranteed by design and characterization.
L99VR03
Electricalspecifications
DS14803 - Rev 2
page 5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com