Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99VR03 Datasheet HTML 20Page - STMicroelectronics L99VR03 Datasheet HTML 21Page - STMicroelectronics L99VR03 Datasheet HTML 22Page - STMicroelectronics L99VR03 Datasheet HTML 23Page - STMicroelectronics L99VR03 Datasheet HTML 24Page - STMicroelectronics L99VR03 Datasheet HTML 25Page - STMicroelectronics L99VR03 Datasheet HTML 26Page - STMicroelectronics L99VR03 Datasheet HTML 27Page - STMicroelectronics L99VR03 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
List of tables
Table 1.
VFDFN8L package pin function .......................................................... 3
Table 2.
PWSSO12 package pin function ......................................................... 4
Table 3.
Absolute maximum ratings ............................................................. 5
Table 4.
Operation junction temperature .......................................................... 5
Table 5.
Temperature threshold ................................................................ 5
Table 6.
General characteristics ................................................................ 6
Table 7.
Enable characteristics ................................................................ 7
Table 8.
UVLO characteristics ................................................................. 7
Table 9.
Thermal parameter - PWSSO12 ........................................................ 18
Table 10.
VFDFN (3x2x0.9 mm 8L wettable flanks) package mechanical data ................................ 20
Table 11.
PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package mechanical data .......................... 22
Table 12.
Document revision history ............................................................. 24
L99VR03
List of tables
DS14803 - Rev 2
page 26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com