Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99VR03 Datasheet HTML 7Page - STMicroelectronics L99VR03 Datasheet HTML 8Page - STMicroelectronics L99VR03 Datasheet HTML 9Page - STMicroelectronics L99VR03 Datasheet HTML 10Page - STMicroelectronics L99VR03 Datasheet HTML 11Page - STMicroelectronics L99VR03 Datasheet HTML 12Page - STMicroelectronics L99VR03 Datasheet HTML 13Page - STMicroelectronics L99VR03 Datasheet HTML 14Page - STMicroelectronics L99VR03 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
3.2
Output current limitation
Output current limitation is present to protect the regulator and the application from overload condition, such as
short to ground.
Figure 17. Behavior of output current versus regulated voltage VO
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
IO (A)
5 V
3.3 V
VS = 14 V
Ta = 25 ⁰C
3.3
Enable
The L99VR03 is enabled/disabled by the enable input. With the EN pin above VEn_high and the input voltage
above VS_UVLO, the device becomes active with a stable regulated output voltage. With the EN pin below VEn_low
the device is disabled, reducing the quiescent current as low as 800 nA. The embedded hysteresis (VEn_hyst)
avoids an undefined state of the device in case of slow ramp up signals applied to the EN input. It may happen
that the enable pin must be driven by components supplied at a voltage different from the regulator supply
voltage. In this case the EN input pin must be set high only once VS > 1.5 V. A solution to drive the enable pin is
depicted in the Figure 18.
Figure 18. Typical example of enable control
Power supply-
supply line 1
In any case, since the enable input voltage is linked to the maximum DC supply voltage (VS) applied to the
L99VR03 (-0.3 V to 28 V), special care must be adopted in driving the EN pin to avoid exceeding the absolute
maximum rating.
L99VR03
Applicationinformation
DS14803 - Rev 2
page 11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com