Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99VR03 Datasheet HTML 3Page - STMicroelectronics L99VR03 Datasheet HTML 4Page - STMicroelectronics L99VR03 Datasheet HTML 5Page - STMicroelectronics L99VR03 Datasheet HTML 6Page - STMicroelectronics L99VR03 Datasheet HTML 7Page - STMicroelectronics L99VR03 Datasheet HTML 8Page - STMicroelectronics L99VR03 Datasheet HTML 9Page - STMicroelectronics L99VR03 Datasheet HTML 10Page - STMicroelectronics L99VR03 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Table 7. Enable characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Pin
Item
VEn_low
EN input low voltage
-
-
0.7
V
EN
A.019
VEn_hig
EN input high voltage
2
-
-
V
EN
A.020
Table 8. UVLO characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Pin
Item
Vs UVLO
Ramp VS down until the output turns OFF
EN = VS
-
-
2.5
V
VS
A.021
VUVLO_hyst
EN = VS
60
-
500
mV
VS
A.022
Note:
All parameters are guaranteed in the junction temperature range -40 °C to 150 °C (unless otherwise specified);
the L99VR03 device is still operative and functional at higher temperatures (up to 175 °C). Parameters limit at
higher junction temperature than 150 °C may change respect to what is specified as per the standard
temperature range. Device functionality at high junction temperature is guaranteed by characterization.
All parameters are guaranteed by design for VO not reported in test condition.
Minimum input voltage values are achievable adopting an input ceramic capacitor: C5750X7R2A475M230KA -
ceramic capacitor multistrate SMD, 4.7 μF, 100 V, ±20%, X7R, C series.
L99VR03
Electricalspecifications
DS14803 - Rev 2
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com