Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR03 Datasheet HTML 1Page - STMicroelectronics L99VR03 Datasheet HTML 2Page - STMicroelectronics L99VR03 Datasheet HTML 3Page - STMicroelectronics L99VR03 Datasheet HTML 4Page - STMicroelectronics L99VR03 Datasheet HTML 5Page - STMicroelectronics L99VR03 Datasheet HTML 6Page - STMicroelectronics L99VR03 Datasheet HTML 7Page - STMicroelectronics L99VR03 Datasheet HTML 8Page - STMicroelectronics L99VR03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Features
Max. supply voltage
VS
40 V
Output current
IO
300 mA
Quiescent current
Iqn
800 nA (1)
3.5 μA (2)
1. Maximum value with regulator disabled.
2. Maximum value with regulator enabled.
AEC-Q100 qualified
Wide input voltage range up to 40 V
Low quiescent current consumption
Output voltage options: 3.3 V or 5 V
Output voltage precision ± 2% in all operating conditions
Enable input for enabling/disabling the voltage regulator
Thermal shutdown and short-circuit current limitation
Undervoltage-lockout UVLO
Wide operating temperature range TJ = -40 °C to 175 °C
Sustaining slow ramp-up applications
Supply voltage rejection: > 60 dB at 1 kHz
Performant line and load regulation
Application
Automotive MCU power supplies
Body control modules
Telematics control units
Automotive head units
Headlights
Description
L99VR03 is a low dropout linear voltage regulator designed for automotive
applications available in VFDFN8L wettable flanks and PWSSO12 package. The
LDO delivers up to 300 mA of load current and consumes as low as 800 nA of
quiescent current when the regulator is disabled and only 3.5 µA quiescent current at
no load. The device is quite suitable for standby microprocessor control-unit systems,
especially in automotive applications. The input voltage operating range is up to 40 V.
The L99VR03 features enable. The L99VR03 is available in different output voltage
options (3.3 V or 5 V). High output voltage accuracy (±2%) is kept over wide
temperature range, line and load variation. The regulator output current is internally
limited so that the device is protected against short-circuit, as it features over
temperature protection.
VFDFN8L
3x2x0.9 mm
PWSSO12
4.9x3.9x1.5 mm
Product status link
L99VR03
Product summary
Order code
Package
Packing
3.3 V output voltage
L99VR033QTR VFDFN8L
Tape and
reel
L99VR033PTR PWSSO12
5 V output voltage
L99VR035QTR VFDFN8L
Tape and
reel
L99VR035PTR PWSSO12
Automotive low dropout linear voltage regulator having 300 mA of current
capability
L99VR03
Datasheet
DS14803 - Rev 2 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
4Mb / 40P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
09-Feb-2024
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
More results

Similar Description - L99VR03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com