Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet (PDF) - STMicroelectronics

L99VR01 Datasheet PDF - STMicroelectronics
Part # L99VR01
Download  L99VR01 Download
File Size   4768.5 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability

L99VR01 Datasheet (PDF)

Go To PDF Page Download Datasheet
L99VR01 Datasheet PDF - STMicroelectronics

Part # L99VR01
Download  L99VR01 Click to download

File Size   4768.5 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability

L99VR01 Datasheet (HTML) - STMicroelectronics


L99VR01 Product details

Features
• AEC-Q100 qualified
• Operating DC power supply voltage range from 2.15 V to 28 V
• Battery and post regulation operating modes are allowed
• Low dropout voltage
• Low quiescent current consumption
• User-selectable output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or
5 V)
• Output voltage precision ±2%
• Enable input for enabling/disabling the voltage regulator
• Output voltage monitoring with reset output
• Negligible ESR effect on output voltage stability for load capacitor
• Undervoltage lockout UVLO
• Fast output discharge
• Thermal shutdown and short-circuit current limitation
• Advanced thermal warning and output overvoltage diagnostic (L99VR01J only)
• Programmable short-circuit output current (L99VR01J only)
• Wide operating temperature range (TJ = -40°C to 175°C L99VR01J only)
• Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262




Similar Part No. - L99VR01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results


Similar Description - L99VR01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Infineon Technologies A...
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com