Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 3Page - STMicroelectronics L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics L99VR01 Datasheet HTML 10Page - STMicroelectronics L99VR01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ . Max.
Unit
A.013
VO
∆VO / VO
VO= 3.3 V for VS=5 V;
VO= 5 V for VS= 6 V
Dynamic load regulation(3) (4)
IO = 10 mA to 100 mA,
Tr, f=10 us VO=3.3 V for
VS=5 V; VO= 5 V for VS=
6 V
3
%
A.014
VS, VO
Vdp
Drop voltage (5)
IO = 150 mA
VO = 5 V
500
mV
IO = 150 mA
VO = 3.3 V
IO = 150 mA
VO = 2.8 V
IO = 150 mA
VO = 2.5 V
IO = 150 mA
VO = 1.8 V
IO = 200 mA
VO = 5 V
530
mV
IO = 200 mA
VO = 3.3 V
IO = 200 mA
VO = 2.8 V
IO = 200 mA
VO = 2.5 V
IO = 200 mA
VO = 1.8 V
A.015
VS, VO
PSRR
Power supply rejection ratio
VS = 13.5 V; VO = 5 V; IO
= 200 mA
fr = 1 kHz
75(3)
dB
A.017
VS, VO
Iqn
Current consumption with
regulator disabled Iqn = IS –
IO
VS = 3.5V; 13.5 V, EN =
low
1
µA
A.058
VS, VO
Iqn_LL
Current consumption with
regulator enabled Iqn_LL= IS
– IO
VS = 3.5 V; 13.5 V, IO = 0
µA; EN = high
75
100
µA
A.018
VS, VO
Iqn_O
Current consumption with
regulator enabled
Iqn_O = Is – IO
VS = 3.5 V; 13.5 V, 0 < IO
≤100 µA; EN = high
100
130
µA
A.019
VS, VO
Iqn_50
Current consumption with
regulator enabled
Iqn_50 = Is – IO
VS = 3.5 V; 13.5 V, IO =
50 mA
EN = high
1
1.3
mA
A.020
VS, VO
Iqn_100
Current consumption with
regulator enabled
Iqn_100 = Is – IO
VS = 3.5 V; 13.5 V, IO=
100 mA EN = high
1.7
2.0
mA
A.021
VS, VO
Iqn_200
Current consumption with
regulator enabled
Iqn_200 = Is – IO
VS = 3.5 V; 13.5 V, IO=
200 mA EN = high
3.1
3.5
mA
A.022
VS
VUVLO_fall
Undervoltage lockout, falling
VO= 0.8 V; 1.2 V; 1.5 V;
1.8 V
1.5
1.6
1.7
V
VO = 2.5 V; 2.8 V; 3.3 V
2.3
2.4
2.55
L99VR01
Electrical specifications
DS13649 - Rev 4
page 7/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com