Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 12Page - STMicroelectronics L99VR01 Datasheet HTML 13Page - STMicroelectronics L99VR01 Datasheet HTML 14Page - STMicroelectronics L99VR01 Datasheet HTML 15Page - STMicroelectronics L99VR01 Datasheet HTML 16Page - STMicroelectronics L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
4.1
Voltage regulator
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this structure, a very low
dropout voltage at current up to Io = 200 mA is obtained. The high-precision of the output voltage (±2%) is
obtained with a pre-trimmed reference voltage. The voltage regulator automatically adapts its own quiescent
current to the output current level. In light load conditions the quiescent current goes down to Iqn_LL = 75 µA (low
consumption mode). L99VR01 operates with reduced input voltage (post regulation) minimizing the internal power
dissipation and maximizing the output current.
4.2
Output current limitation
Output current limitation is present to protect the regulator and the application from overload condition, such as
short to ground.
Figure 29. Behavior of output current versus regulated voltage Vo
O(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
I
Vo_5V
Vo_3V3
Vo_2V8
Vo_2V5
Vo_1V8
Vo_1V5
Vo_1V2
Vo_0V8
Vs = 13.5V
Ta = 25 ⁰C
The Ishort current can be set in the range from 65 mA to 360 mA through an external resistor Rsh connected
between IShort pin and ground (L99VR01J version only).
L99VR01
Application information
DS13649 - Rev 4
page 16/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com