Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 16Page - STMicroelectronics L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics L99VR01 Datasheet HTML 21Page - STMicroelectronics L99VR01 Datasheet HTML 22Page - STMicroelectronics L99VR01 Datasheet HTML 23Page - STMicroelectronics L99VR01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
4.7
Overvoltage detection by advanced thermal warning read-out
The TW pin also provides diagnostics about output overvoltage (OV); to distinguish between a thermal warning
event and an output overvoltage event, two different signals are generated at the same TW output pin. How
reported in the previous paragraph a thermal warning event detection sets the TW pin LOW, instead an output
overvoltage event generates a square wave at the TW pin (Figure 35. Square wave on TW pin generated during
an overvoltage). Overvoltage detection has higher priority than thermal warning detection so that concurrence of
thermal warning and over voltage events leads to a square wave like in the case of overvoltage detection (as
shown in Figure 36. Warning signal caused by overvoltage and thermal warning on TW pin).
Figure 35. Square wave on TW pin generated during an overvoltage
TW
t
Tw_per
A typical example of thermal warning and overvoltage failures management is depicted in Figure 36. Warning
signal caused by overvoltage and thermal warning on TW pin.
Figure 36. Warning signal caused by overvoltage and thermal warning on TW pin
Vo
T
Vo_hth
TW
150ºC
t
t
t
L99VR01
Application information
DS13649 - Rev 4
page 20/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com