Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics L99VR01 Datasheet HTML 21Page - STMicroelectronics L99VR01 Datasheet HTML 22Page - STMicroelectronics L99VR01 Datasheet HTML 23Page - STMicroelectronics L99VR01 Datasheet HTML 24Page - STMicroelectronics L99VR01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
4.8
Fast output discharge
To assure a quick discharge of the external capacitor tied to the output pin down to around 1.3 V the L99VR01
uses an internal pulldown circuit. Activated each time the EN pin goes low, during thermal shut down and during
undervoltage lockout, the output current will flow through the pulldown resistor of the fast output discharge circuit
to ground. The fast output discharge feature is available for the output voltages Vo= 2.5 V (SELx = [1;0;0]) Vo=
2.8 V (SELx = [1;0;1]) Vo= 3.3 V (SELx = [1;1;0]) and Vo= 5 V (SELx = [1;1;1]).
4.9
Undervoltage lockout UVLO
The undervoltage lockout (UVLO) circuit allows a fast regulating element to turn off (activating the internal Fast
Output Discharge circuit) if the input voltage drops below the threshold, VUVLO_fall, avoiding undesired unknown
output state during low input voltage. When the input voltage is above the VUVLO_rise threshold, the regulating
element is again turned on.
Figure 37. Undervoltage lockout on output voltage
VS
VO
VUVLO_rise
VUVLO_fall
4.10
Functional safety management
Even if not designed as safety HW element, the device contains some features that can be used to support
application that need to fulfill functional safety requirements. Analysis of the IC’s capability to reach the required
safety level, should be made at system level under user's responsibility.
The following device safety requirements have been considered for a typical application:
Table 12. Safety requirement
ID
Description
SR-001
Operation of the voltage regulator(s) is allowed till over temperature limit.
SR-002
Operation of voltage regulator(s) is enabled until programmed current limit is
reached.
SR-003
Output voltage of regulator(s) shall remain within programmed range when RST pin
is not asserted.
SR-004
Output voltage of regulator(s) shall remain within programmed range when square
wave at TW pin is not generated.
Based on the above requirements list the following safety mechanism has been implemented:
L99VR01
Application information
DS13649 - Rev 4
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com