Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics L99VR01 Datasheet HTML 10Page - STMicroelectronics L99VR01 Datasheet HTML 11Page - STMicroelectronics L99VR01 Datasheet HTML 12Page - STMicroelectronics L99VR01 Datasheet HTML 13Page - STMicroelectronics L99VR01 Datasheet HTML 14Page - STMicroelectronics L99VR01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Figure 10. Current consumption vs input
voltage (Io= 100 mA)
0.0
0.5
1.0
1.5
2.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS(V)
Vo = 5 V
Vo = 3.3 V
Vo = 2.8 V
Vo = 2.5 V
Vo = 1.8 V
Vo = 1.5 V
Vo = 1.2 V
Vo = 0.8 V
Io = 100 mA
Tc =25⁰C
Figure 11. Short-circuit current vs Tj (Ishort pin floating)
300.00
305.00
310.00
315.00
320.00
325.00
330.00
335.00
340.00
345.00
350.00
355.00
360.00
-60
-40
-20
0
20
40
60
80
100 120 140 160
Tj (⁰C)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
Vs = 13.5 V
Figure 12. Short-circuit current vs Tj (Ishort pin tied to
GND)
45
50
55
60
65
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C)
5 V
3 V 3
2 V 8
2 V 5
1 V 8
1 V 5
1 V 2
0 V 8
Vs = 13.5 V
Figure 13. Short-circuit current vs input voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19
VS (V)
5 V_Ishort_max
5 V_Ishort_min
3 V 3_Ishort_max
3 V 3_Ishort_min
2 V 8_Ishort_max
2 V 8_Ishort_min
2 V 5_Ishort_max
2 V 5_Ishort_min
1 V 8_Ishort_max
1 V 8_Ishort_min
1 V 5_Ishort_max
1 V 5_Ishort_min
1 V 2_Ishort_max
1 V 2_Ishort_min
0 V 8_Ishort_max
0 V 8_Ishort_min
RSH = Floating
TC=25⁰C
Figure 14. Output voltage vs enable voltage (VO =0.8 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
EN (V)
IO= 100 mA
Ta =25⁰C
VS= 13.5 V
Vo=0.8 V
Figure 15. Output voltage vs enable voltage (VO =1.2 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0.0
2.0
VEN(V)
IO= 100 mA
Ta =25 ⁰C
VS= 13.5 V
Vo=1.2 V
1.0
L99VR01
Electrical specifications
DS13649 - Rev 4
page 11/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com