Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 25Page - STMicroelectronics L99VR01 Datasheet HTML 26Page - STMicroelectronics L99VR01 Datasheet HTML 27Page - STMicroelectronics L99VR01 Datasheet HTML 28Page - STMicroelectronics L99VR01 Datasheet HTML 29Page - STMicroelectronics L99VR01 Datasheet HTML 30Page - STMicroelectronics L99VR01 Datasheet HTML 31Page - STMicroelectronics L99VR01 Datasheet HTML 32Page - STMicroelectronics L99VR01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Figure 46. Thermal fitting model of a Vreg in SO-8
Table 15. SO-8 thermal parameter
Area/island (cm2)
Footprint
2
8
4L
R1 (°C/W)
4.4
R2 (°C/W)
4.5
R3 (°C/W)
6
R4 (°C/W)
28
23
23
23
R5 (°C/W)
30
24
21
19
R6 (°C/W)
41.6
25
21
14
C1 (W.s/°C)
0.0001
C2 (W.s/°C)
0.002
C3 (W.s/°C)
0.03
C4 (W.s/°C)
0.05
C5 (W.s/°C)
0.15
C6 (W.s/°C)
1.4
3
5
5.5
L99VR01
Package and PCB thermal data
DS13649 - Rev 4
page 29/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com