Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics L99VR01 Datasheet HTML 10Page - STMicroelectronics L99VR01 Datasheet HTML 11Page - STMicroelectronics L99VR01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ . Max.
Unit
A.022
VS
VUVLO_fall
Undervoltage lockout, falling
VO = 5 V
V
4.6
4.8
4.9
A.023
VS
VUVLO_ rise
Undervoltage lockout, rising
VO = 0.8 V; 1.2 V; 1.5 V;
1.8 V
1.7
1.8
2.1
V
VO=2.5 V; 2.8 V; 3.3 V
2.6
2.7
2.8
VO=5 V
4.9
5.1
5.3
1. Ishort typical value of 120 mA for t= 400 µs during the power on
2. Vs_Low = 3.5 V@VO = 0.8 V, 1.2 V,1.5 V,1.8 V& 2.5 V; Vs_Low=5 V@ VO= 2.8 V & 3.3 V, Vs_Low= 6 V@VO = 5 V
3. Parameters are guaranteed by design
4. Referred to Figure 26. Maximum load variation response
5. Considering that the minimum operating input voltage is 2.15 V, the dropout voltage (Vdp) is not defined for output voltages
below 1.8 V.
Table 6. Fast output discharge
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.024
VO
RFD
Fast discharge - pull
down resistor
VS= 3.95 V; 13.5 V; VO =
3.3 V, VO = 5 V
EN = low
50
75
120
Table 7. Reset
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.025
RST
Vrst_l
Reset output low voltage
VS = 5 V; 13.5 V
Rext ≥ 4.7 KΩ to VO
VO = 3.3 V, VO = 5 V
0.2 x
VO
V
A.026
RST
Irst_lkg
Reset output high
leakage current
Vrst = 0.8 V
1
µA
A.027
RST
VO_th
VO out of regulation – low
threshold
VS = 5 V; 13.5 V
VO decreasing
VO=3.3 V,
VO=5 V
13.5%
10%
6.5%
Below
VO
A.055
RST
VO_th_hyst
VO out of regulation – low
threshold hysteresis
VS = 5 V; 13.5 V; VO
increasing; VO=3.3 V ;
VO=5 V
2%
VO_th
A.028
RST
Trr
Reset reaction time
VS = 5 V; 13.5 V; VO=3.3
V ; VO=5 V
10
16
37
µs
A.029
RST
Trd
Reset delay time
VS = 5 V; 13.5 V ; VO=3.3
V ; VO = 5 V
160(1)
250
300
µs
1. Trd = 120 µs for Vs < 3.5V.
Table 8. Enable
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.042
EN
VEn_low
EN input low voltage
0.6
V
A.043
EN
VEn_high EN input high voltage
1.5
V
A.045
EN
IEn
Pull down current
VS = 13.5 V
4
12
µA
L99VR01
Electrical specifications
DS13649 - Rev 4
page 8/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com