Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 2 Page - STMicroelectronics

  L99VR01 Datasheet HTML 1Page - STMicroelectronics L99VR01 Datasheet HTML 2Page - STMicroelectronics L99VR01 Datasheet HTML 3Page - STMicroelectronics L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1
Block diagram and pins description
Figure 1. Functional block diagram of L99VR01S
Figure 2. Functional block diagram of L99VR01J
THERMAL
SHUTDOWN
CURRENT LIMITER
POWER DRIVER
Vs
E N
TW
RST
SEL3
SEL2
Vo
GND
-
+
SEL1
Ishort
ADVANCED
THERMAL WARNING
TEST
CONTROLLER
T1
T2
START-UP
RFD=
75 Ω
OUTPUT
VOLTAGE
SELECTOR
VOLTAGE
REFERENCE
LOW VOLTAGE RESET
Table 1. Pins description
Pin name
SO-8 pin
PowerSSO-12
pin
Function
VS
1
1
Supply voltage.
Block directly to ground with ceramic capacitor ≥ 4.7 µF and a 100 nF
capacitator as close as possible to the pin
SEL1
2
2
Output voltage selectors.
SEL2
3
3
L99VR01
Block diagram and pins description
DS13649 - Rev 4
page 2/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com