Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 5 Page - STMicroelectronics

  L99VR01 Datasheet HTML 1Page - STMicroelectronics L99VR01 Datasheet HTML 2Page - STMicroelectronics L99VR01 Datasheet HTML 3Page - STMicroelectronics L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2.2
Thermal data
2.2.1
Thermal resistance
Table 3. Operation junction temperature
Item
Symbol
Parameter
Value
Unit
PowerSSO-12
SO-8
A.001
Rthj-case
Junction to case thermal
resistance
8.5
°C/W
A.057
Rthj-lead
Junction to lead thermal
resistance (1)
54.5
°C/W
A.002
Rthj-amb
Junction to ambient thermal
resistance
27.4
71
°C/W
1. Measured on Vs
Note:
the values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer
layers) . Cu thickness 0.035 mm (inner layers), Thermal vias separation 1.2 mm, Thermal via diameter 0.3 mm
+/- 0.08 mm, Cu thickness on vias 0.025 mm.
2.2.2
Thermal protection
Table 4. Temperature threshold
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.003
Tprot_s(1)
Thermal protection temperature
L99VR01S
150
180
°C
A.004
Tprot_j(1)
Thermal protection temperature
L99VR01J
175
200
°C
A.005
Tprot_hyst
Thermal protection hysteresis
11
°C
A.006
TJ
Operating
junction
temperature
SO-8
TJ
-40
150
°C
Power-SSO-12
-40
175
A.007
Tstg
Storage temperature
Tstg
150
°C
1. Thermal protection is guaranteed by design and characterization.
L99VR01
Electrical specifications
DS13649 - Rev 4
page 5/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com