Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics L99VR01 Datasheet HTML 10Page - STMicroelectronics L99VR01 Datasheet HTML 11Page - STMicroelectronics L99VR01 Datasheet HTML 12Page - STMicroelectronics L99VR01 Datasheet HTML 13Page - STMicroelectronics L99VR01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2.4
Electrical characteristics curves
Figure 4. Output voltage vs Tj
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
-60
-40
-20
0
20
40
60
80
100 120 140 160
Tj (⁰C)
Vo = 5 V
Vo = 3 V 3
Vo = 2 V 8
Vo = 2 V 5
Vo = 1 V 8
Vo = 1 V 5
Vo = 1 V 2
Vo = 0 V 8
Io=1 mA
Vs=13. 5V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
-60
-40
-20
0
20
40
60
80
100 120 140 160
Tj (⁰C)
Vo = 5 V
Vo = 3 V 3
Vo = 2 V 8
Vo = 2 V 5
Vo = 1 V 8
Vo = 1 V 5
Vo = 1 V 2
Vo = 0 V 8
Io = 1 mA
Vs=13.5 V
Figure 5. Output voltage vs VS
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
5
6
7
8
9
10
VS (V)
Vo = 5 V
Vo = 3.3 V
Vo =2.8 V
Vo = 2.5 V
Vo = 1.8 V
Vo = 1.5 V
Vo = 1.2 V
Vo = 0.8 V
I
O= 100 mA
Ta=25⁰C
Figure 6. Drop voltage vs output current
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
20
40
60
80
100
120
140
160 180 200
Io(mA)
Vo = 5 V
Vo = 3 V 3
Vo =2 V 8
Vo = 2 V 5
Vo = 1 V 8
Tj =25⁰C
Figure 7. Current consumption vs output current
-0.6
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
3.9
0
20
40
60
80
100
120
140
160
180
200
Io(mA)
Vo=5 V
Vo=3 V 3
Vo=2 V 8
Vo=2 V 5
Vo=1 V 8
Vo=1 V 5
Vo=1 V 2
Vo=0 V 8
TC
s
V =13.5 V
=25⁰C
Figure 8. Current consumption vs input voltage (Io < 1mA)
0.0
0.1
0.2
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS(V)
Vo = 5 V
Vo = 3.3 V
Vo = 2.8 V
Vo = 2.5 V
Vo = 1.8 V
Vo = 1.5 V
Vo = 1.2 V
Vo = 0.8 V
Io<1mA
TC=25⁰C
Figure 9. Current consumption vs input
voltage (Io = 50 mA)
0.0
0.2
0.4
0.6
0.8
1.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS(V)
Vo=5V
Vo=3.3V
Vo=2.8V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=0.8V
I
O= 50 mA
T
C= 25 ⁰C
L99VR01
Electrical specifications
DS13649 - Rev 4
page 10/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com