Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 3 Page - STMicroelectronics

  L99VR01 Datasheet HTML 1Page - STMicroelectronics L99VR01 Datasheet HTML 2Page - STMicroelectronics L99VR01 Datasheet HTML 3Page - STMicroelectronics L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Pin name
SO-8 pin
PowerSSO-12
pin
Function
SEL3
Output voltage selectors.
4
4
TW
5
Advanced thermal warning output.
If the device detects a junction temperature above the warning
threshold, the pin is pulled low. If an overvoltage condition occurs, a
square wave is provided through the TW output. Leave floating if not
used.
IShort
6
Programmable short circuit output current input pin. A resistor between
Ishort pin and GND sets the short circuit output current value.
EN
5
7
Enable input.
With the Enable high, regulator and reset are operating. With the
Enable low, regulator and reset are shutdown, while the fast discharge
circuit is turned on.
Connect the Enable to Vs to keep the device always enabled
GND
6
8
Ground reference.
T1
9
Reserved to test, connect the pin to Vo.
T2
10
Reserved to test, connect the pin to GND.
RST
7
11
Reset output.
It is pulled down when output voltage goes below Vo_th. Leave floating
if not used.
VO
8
12
Voltage regulator output.
Block to ground with a capacitor ≥ 3.3 µF (needed for regulator
stability).
TAB
TAB
Connected to ground
Figure 3. Pins configuration
SO-8
PowerSSO-12
L99VR01
Block diagram and pins description
DS13649 - Rev 4
page 3/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com