Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 15Page - STMicroelectronics L99VR01 Datasheet HTML 16Page - STMicroelectronics L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics L99VR01 Datasheet HTML 21Page - STMicroelectronics L99VR01 Datasheet HTML 22Page - STMicroelectronics L99VR01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Note:
A diode (0.25 V < VF < 0.75 V) connected in series with EN pin is requested only if the regulator is directly
supplied by car battery.
4.5
Reset
The reset circuit supervises the output voltage VO. If the output voltage falls below VO_th then RST is pulled low
with a reaction time Trr. When the output voltage rises above VO_th + VO_th_hyst then RST is pulled high with a
delay time Trd. The delay is generated by an internal circuit. The reset circuit is active when En is high. Being RST
an open-drain output an external resistance (Rrst) is needed between the RST pin and the Vo pin. The external
resistance value can be in a range between 4.7 KΩ and 20 KΩ. Leave the RST pin floating if not used.
Figure 33. Reset timing diagram
4.6
Thermal warning and thermal shutdown
To warn the microcontroller about a severe temperature increase, a thermal warning output has been
implemented (L99VR01J version only). If the device detects a junction temperature above Twarn, the advanced
thermal warning (TW) output pin is pulled low while the voltage regulator and its features remain all active. The
TW pin will return to its high logic level (equal to the Vo output value) once the temperature falls below the
threshold Twarn - Twarn_hyst.
Figure 34. Thermal warning diagram
When junction temperature reaches the Tprot_j/s thermal shutdown threshold the regulator output is quickly shut
off through the internal Fast Output Discharge circuit; to be reactivated, junction temperature has to decrease
below Tprot_j/s- Tprot_hyst. Being TW an open-drain output an external resistance (RTW) is needed between the TW
pin and the Vo pin. The external resistance value can be in a range between 4.7 KΩ and 20 KΩ. Leave floating if
not used.
L99VR01
Application information
DS13649 - Rev 4
page 19/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com