Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 13Page - STMicroelectronics L99VR01 Datasheet HTML 14Page - STMicroelectronics L99VR01 Datasheet HTML 15Page - STMicroelectronics L99VR01 Datasheet HTML 16Page - STMicroelectronics L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics L99VR01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Figure 30. Ishort versus Rsh
Open pin (no resistance on the Ishort pin), is seen as a max resistance corresponding to the maximum Ishort
current.
4.3
Output voltage selection
The L99VR01 can provide one out of 8 different output voltages. The combination of three digital input selectors
(SELx) determines the output voltage according to the following truth table.
Table 11. Truth table
VO
SEL1
SEL2
SEL3
5
1
1
1
3.3
1
1
0
2.8
1
0
1
2.5
1
0
0
1.8
0
1
1
1.5
0
1
0
1.2
0
0
1
0.8 (Default)
0
0
0
The SELx pins configuration is acquired at the device start-up (EN transition from low to high) and once
configuration is acknowledged, it cannot be changed until next EN transition.
When all the pins are left not connected, the default configuration will be selected.
L99VR01
Application information
DS13649 - Rev 4
page 17/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com