Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 4 Page - STMicroelectronics

  L99VR01 Datasheet HTML 1Page - STMicroelectronics L99VR01 Datasheet HTML 2Page - STMicroelectronics L99VR01 Datasheet HTML 3Page - STMicroelectronics L99VR01 Datasheet HTML 4Page - STMicroelectronics L99VR01 Datasheet HTML 5Page - STMicroelectronics L99VR01 Datasheet HTML 6Page - STMicroelectronics L99VR01 Datasheet HTML 7Page - STMicroelectronics L99VR01 Datasheet HTML 8Page - STMicroelectronics L99VR01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 2. Absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 28
V
VS
Single pulse / tmax < 400 ms “transient load
dump”
40
V
IS
Input current
internally limited
VO
DC output voltage
-0.3 to 6.7
V
IO
DC output current
internally limited
Vrst
Reset output voltage
-0.3 to VO + 0.3
V
T1, T2
Test pins
-0.3 to VO + 0.3
V
Irst
Reset output current
Internally limited
Vtw
Thermal warning output voltage
-0.3 to VO + 0.3
V
Itw
Thermal warning output current
Internally limited
Vsh_ctrl
“Short current” control voltage
-0.3 to 3.6
V
VEN
Enable input
-0.3 to VS + 0.3
V
VSELx
Selectors input voltage
-0.3 to VS + 0.3
V
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
±2
kV
VESD CDM
ESD CDM voltage level (CDM AEC-Q100-011)
±500
V
ESD CDM voltage level on corner pins (CDM
AEC-Q100-011)
±750
V
L99VR01
Electrical specifications
DS13649 - Rev 4
page 4/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com