Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR03 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99VR03
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR03 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99VR03 Datasheet HTML 20Page - STMicroelectronics L99VR03 Datasheet HTML 21Page - STMicroelectronics L99VR03 Datasheet HTML 22Page - STMicroelectronics L99VR03 Datasheet HTML 23Page - STMicroelectronics L99VR03 Datasheet HTML 24Page - STMicroelectronics L99VR03 Datasheet HTML 25Page - STMicroelectronics L99VR03 Datasheet HTML 26Page - STMicroelectronics L99VR03 Datasheet HTML 27Page - STMicroelectronics L99VR03 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
List of figures
Figure 1.
Functional block diagram ............................................................. 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Output voltage vs TJ ................................................................ 8
Figure 4.
Output voltage vs VS ................................................................ 8
Figure 5.
Drop voltage vs output current ......................................................... 8
Figure 6.
Current consumption vs output current ................................................... 8
Figure 7.
Current consumption vs input voltage (IO < 1 mA) ............................................ 8
Figure 8.
Current consumption vs input voltage (IO = 150 mA) .......................................... 8
Figure 9.
Current consumption vs input voltage (IO = 300 mA) .......................................... 8
Figure 10.
PSRR .......................................................................... 8
Figure 11.
Output voltage vs enable voltage (VO = 3.3 V) .............................................. 9
Figure 12.
Output voltage vs enable voltage (VO = 5 V)................................................ 9
Figure 13.
VEN_high vs TJ .................................................................... 9
Figure 14.
VEN_low vs TJ ..................................................................... 9
Figure 15.
Application schematic .............................................................. 10
Figure 16.
Stability plane.................................................................... 10
Figure 17.
Behavior of output current versus regulated voltage VO ....................................... 11
Figure 18.
Typical example of enable control ...................................................... 11
Figure 19.
Undervoltage lock out on output voltage.................................................. 12
Figure 20.
Derating curve ................................................................... 13
Figure 21.
VFDFN8 PC board ................................................................ 14
Figure 22.
PWSSO12 PCB 2 layers ............................................................ 15
Figure 23.
PWSSO12 PCB 4 layers ............................................................ 16
Figure 24.
Rthj-amb vs PCB copper area in still air condition - PWSSO12 ................................... 17
Figure 25.
Thermal impedance curves junction to ambient - PWSSO12.................................... 17
Figure 26.
Thermal fitting model of a Vreg - PWSSO12 ............................................... 18
Figure 27.
VFDFN8 (3x2x0.9 mm 8L wettable flanks) package outline .................................... 19
Figure 28.
PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package outline ................................ 21
Figure 29.
VFDFN8 tape and reel shipment ....................................................... 22
Figure 30.
PWSSO12 tape and reel shipment ..................................................... 23
L99VR03
List of figures
DS14803 - Rev 2
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com