Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 59Page - STMicroelectronics L9965P-FN Datasheet HTML 60Page - STMicroelectronics L9965P-FN Datasheet HTML 61Page - STMicroelectronics L9965P-FN Datasheet HTML 62Page - STMicroelectronics L9965P-FN Datasheet HTML 63Page - STMicroelectronics L9965P-FN Datasheet HTML 64Page - STMicroelectronics L9965P-FN Datasheet HTML 65Page - STMicroelectronics L9965P-FN Datasheet HTML 66Page - STMicroelectronics L9965P-FN Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
3.13
Ground loss monitor (GNDMON)
To detect failures in grounding, the IC integrates a ground loss monitor that is always enabled when it is in DIAG,
NORMAL and ARM states.
3.13.1
Ground loss monitor diagnostics
Table 38. Ground loss monitor diagnostics
Fault
type
Assertion condition
IC reaction to
assertion
Release condition
IC
reaction
to flag
clear
Maskable
PGND
LOSS
If a differential voltage
greater than
VPGND_LOSS_TH arises
between GND and
PGND for a time longer
than tPGND_LOSS_FLT,
the PGND loss fault is
acknowledged
The PGND_LOSS flag
is set
FAULTN line is
asserted
The “fire inhibit” signal
is set
If the differential voltage
between GND and
PGND falls below
VPGND_LOSS_TH for a
time longer than
tPGND_LOSS_FLT, the fault
flag can be cleared by
MCU
Pyro-fuse
fire is
possible
again
Non-maskable
BSTGND
LOSS
If a differential voltage
greater than
VBSTGND_LOSS_TH
arises between GND
and BSTGND for a time
longer than
tBSTGND_LOSS_FLT, the
BSTGND loss fault is
acknowledged
The BSTGND_LOSS
flag is set
FAULTN line is
asserted
If enabled, ERBST is
disabled
If disabled, ERBST is
not turned-on
(diagnostic is active
thanks to IBSTGND_PU
internal pull-up)
The “fire inhibit” signal
is set
If the differential voltage
between GND and
BSTGND falls below
VBSTGND_LOSS_TH for a
time longer than
tBSTGND_LOSS_FLT, the
ERBST is automatically
reenabled and the fault
flag can be cleared by
MCU
Pyro-fuse
fire is
possible
again
BSTGND_LOSS_MSK
masks the inhibition of
pyro-fuse fire
commands
3.13.2
Ground Loss monitor electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 39. Ground Loss monitor electrical parameters
Symbol
Parameter
Test condition Min Typ Max Unit
Pin
VPGND_LOSS_TH
PGND ground loss detection threshold
300
-
920
mV
GND1, GND2, PGND
tPGND_LOSS_FLT
PGND ground loss detection filter time Tested by SCAN 46
50
54
µs
GND1, GND2, PGND
VBSTGND_LOSS_TH
BSTGND ground loss detection
threshold
300
-
920
mV
GND1, GND2,
BSTGND
tBSTGND_LOSS_FLT
BSTGND ground loss detection filter
time
Tested by SCAN 1.9 2.3
2.7
µs
GND1, GND2,
BSTGND
IBSTGND_PU
BSTGND pull-up current
25
40
55
µA
BSTGND
L9965P
Functional description
DS14702 - Rev 4
page 63/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com