Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 86Page - STMicroelectronics L9965P-FN Datasheet HTML 87Page - STMicroelectronics L9965P-FN Datasheet HTML 88Page - STMicroelectronics L9965P-FN Datasheet HTML 89Page - STMicroelectronics L9965P-FN Datasheet HTML 90Page - STMicroelectronics L9965P-FN Datasheet HTML 91Page - STMicroelectronics L9965P-FN Datasheet HTML 92Page - STMicroelectronics L9965P-FN Datasheet HTML 93Page - STMicroelectronics L9965P-FN Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
4.2
Device positioning in BMS application
The L9965P can be interfaced with the companion chip L9965C which performs the function of monitoring HV
battery current, detecting short circuit and triggering pyro-fuse deployment. It also acts as an SPI controller,
forwarding frames sent by MCU to L9965P.
L9965P is identified in the BMS chipset by the BMS_ID bit field located in the BMS_ID register. It is possible to
read the IC version in the CHIP_ID register.
Depending on the source of main supply, the devices can be mounted in HV or LV domain: L9965C, due to its
specific purpose, will always lie in the HV domain, while L9965P can be mounted in either of the two, depending
on the user’s hardware and limitations, if any.
In the HV domain, supply can be sourced from an HV battery through an isolated DC-DC converter and shared
between L9965P and L9965C (Figure 33 configuration "a").
•
Pros:
–
Possible to avoid usage of ER boost regulator and related external components.
–
Deployment trigger pins direct connection to L9965C.
–
L9965C acts as a SPI controller to route commands from the MCU.
•
Cons:
–
SPI signals suffer a higher delay.
Some pyro-fuse switches might not be compatible with the above solution and require the driving section to be in
the LV ground domain (Figure 33 configuration "b").
•
Pros:
–
Direct connections to MCU’s SPI.
–
Compatibility with all pyro-fuse switches.
•
Cons:
–
Cannot avoid ER boost usage (unless minimum VBAT can be guaranteed).
–
Requires additional components (isolators to interface with L9965C).
Figure 33. Pyro-fuse driver positioning
(a)
(b)
L9965P
Application scenarios
DS14702 - Rev 4
page 90/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com