Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 77Page - STMicroelectronics L9965P-FN Datasheet HTML 78Page - STMicroelectronics L9965P-FN Datasheet HTML 79Page - STMicroelectronics L9965P-FN Datasheet HTML 80Page - STMicroelectronics L9965P-FN Datasheet HTML 81Page - STMicroelectronics L9965P-FN Datasheet HTML 82Page - STMicroelectronics L9965P-FN Datasheet HTML 83Page - STMicroelectronics L9965P-FN Datasheet HTML 84Page - STMicroelectronics L9965P-FN Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Table 84. NVM_OP_CMD - 0x031
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
UNUSED
RO
6
4
0x0
nPOR_MAIN
NVM_ERASE_VERIFY_ERROR
CR
5
1
0x0
nPOR_MAIN
1 = Error during NVM erasing
NVM_PROGRAM_VERIFY_ERROR
CR
4
1
0x0
nPOR_MAIN
1 = Error during NVM
programming
NVM_BUSY
RO
3
1
0x0
nPOR_MAIN
1 = NVM busy
NVM_OPERATION
WO
0
3
0x0
nPOR_MAIN
0x3 = Upload client NVM
sect and download all NVM
0x5 = Download all NVM
Table 85. HS_CMD - 0x32
Field name
Type Bit offset
Bit width
Reset value
Reset sources
Description
ARM_HS_SPI
WO
0
10
0x0
nPOR_MAIN
0x155 = High Side SPI arming command
Table 86. LS_CMD - 0x33
Field name
Type Bit offset
Bit width
Reset value
Reset sources
Description
ARM_LS_SPI
WO
0
10
0x0
nPOR_MAIN
0x2AA = Low Side SPI arming command
3.15
Configuration Lock
To prevent inadvertent modification of safety relevant registers (SRR) and safety latent registers (SLR), written in
bold in this document, such register map sectors are protected by a lock field.
By default, SRR/SLR registers are locked.
To configure the device, the following procedure shall be implemented:
1. MCU writes 0x55 in the SPECIAL_KEY register to enter in partial unlock.
2. MCU writes 0x33 in the SPECIAL_KEY register to confirm the full unlock.
3. MCU changes any configuration register within tCFG_TIMEOUT.
4. MCU reapplies the lock writing 0xAA in the SPECIAL_KEY.
If the tCFG_TIMEOUT expires, the lock is automatically reapplied.
Trying to write a protected register (SRR or SLR) without unlocking will result in the data being discarded.
Note:
•
Writing lock-protected registers only alters the current configuration loaded in the SPI registers. To save
the configuration and guarantee a correct reload at each power-up, the update has to be pushed into the
non-volatile memory (NVM), as described in the dedicated section.
•
For temporary modifications to the IC configuration, which do not need to be pushed in the non-volatile
memory, it is recommended to disable the configuration integrity check (CONF_CRC).
3.15.1
Configuration lock electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 87. Configuration Lock electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tCFG_TIMEOUT
Configuration lock timeout
Tested in SCAN
1.8
2
2.1
s
L9965P
Functional description
DS14702 - Rev 4
page 81/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com