Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 82Page - STMicroelectronics L9965P-FN Datasheet HTML 83Page - STMicroelectronics L9965P-FN Datasheet HTML 84Page - STMicroelectronics L9965P-FN Datasheet HTML 85Page - STMicroelectronics L9965P-FN Datasheet HTML 86Page - STMicroelectronics L9965P-FN Datasheet HTML 87Page - STMicroelectronics L9965P-FN Datasheet HTML 88Page - STMicroelectronics L9965P-FN Datasheet HTML 89Page - STMicroelectronics L9965P-FN Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
4.1.2
12 V DC-DC with MCU and ERBST mounted
The Figure 30 shows a typical application diagram for a pyro-fuse system supplied by a low current DC-DC
regulator, using the ERBST regulator and interfaced with a generic MCU.
Figure 30. Application circuit: 12 V DC-DC with MCU and ERBST mounted
Arming logic
Deployment
driver
3V3 int
regulator
ER boost regulator
ER discharge
switch
Global configuration and
control, ADC, bias and
diagnostics
5V or 3.3V
PS
FAULTN
CWUP
NCS
SCLK
SDI/MOSI
SDO/MISO
Power management, diagnostics and monitoring
CIN
LERBST
DERBST
CER1
RDCH
PF
PR
PYRO
FUSE
VIO
PGND
CER2
RFAULTN
CVIO
CPF
CPR
MCU
CFAULTN
12V
DC-DC
+
-
Signal from MCU
RCHG
MCU
PMIC
The CER electrolytic capacitors are connected to ERBST regulator that charge them to a higher voltage respect to
battery level VBAT. In this case the ERBST power limit function can be used to limit the ERBST input power and
so the power required to the 12 V DC-DC regulator.
ERDCHSW pin is used to allow CER controlled discharge for safety and diagnostic purposes. RDCHG sets the limit
current for the discharge phase.
Note:
See the dedicated Application Note.
L9965P
Application scenarios
DS14702 - Rev 4
page 86/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com